Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 50 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 50 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation CTV07R Datasheet HTML 50Page - Amphenol Corporation CTV07R Datasheet HTML 51Page - Amphenol Corporation CTV07R Datasheet HTML 52Page - Amphenol Corporation CTV07R Datasheet HTML 53Page - Amphenol Corporation CTV07R Datasheet HTML 54Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
48
Tri-Start – specials
fiber optics, filter protection, PCB applications
FIBER OPTIC
Amphenol multi-channel fiber optic connectors offer a precision optic
interconnect system within the high performance MIL-DTL-38999
Series III connector. The metal-to-metal feature of the Tri-Start
connector provides protection from damage in severe environmental
and physical conditions. Optical performance is optimized utilizing the
ceramic alignment features
employed by the termini. Insertion
losses are typically .8dB and can
range from .5 to 1.5 dB, depending
on test conditions.
Ask for publication 12-352 for
complete information on Fiber
Optic Connectors.
TRANSIENT PROTECTION
EMI/EMP protection devices can
be integrated into the MIL-DTL-
38999 Series III connector to
provide a cost effective alternative to discrete devices mounted inside
the box. These unique, high performance designs provide weight and
space savings necessary for modern electronic systems.
Ask for publication 12-120 for complete information on Amphenol
Filter/Transient Protection Connectors.
FLEX TERMINATION ASSEMBLIES FOR
PRINTED CIRCUIT BOARD APPLICATIONS
Amphenol provides flex termination assemblies for printed circuit
board attachment through Amphenol ACT, Advanced Circuit Techno-
logy. Flex circuits are available for MIL-DLT-38999 connectors in flat or
sculptured styles. Sculptured® Flexible Circuits with built-in termina-
tions eliminate the failures associated with crimped or solder-on
contacts, and they are designed to geometrically fit the tight space
requirements within a unit. They
plug into a printed circuit board and
create a self-locking terminal pad
which eliminates the need for an
additional interconnect to the PCB.
TRI-START CONNECTORS
WITH PC TAIL CONTACTS
Printed circuit tail twinax contacts
are currently supplied in 8, 12 and
16 coax type, 8, 10 and 12 twinax
type, and 8 triax socket type. These
provide a cost effective packaging
solution for limited space applica-
tions where connectors are
attached to printed circuit boards.
Ask for catalog 12-170, Amphenol
Cylindrical Connectors for PCB
Applications and catalog 12-130,
Amphenol High Frequency Contacts
for Multi-pin Connectors.
Multi-Channel
Fiber Optic Connectors
Filter/Transient Protection Connectors
Flex Termination Assemblies
Tri-Start Connectors
with MT Ferrule Fiber Optics
PC Tail Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com