Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV07R Datasheet(PDF) 48 Page - Amphenol Corporation

Part # CTV07R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV07R Datasheet(HTML) 48 Page - Amphenol Corporation

Back Button CTV07R Datasheet HTML 44Page - Amphenol Corporation CTV07R Datasheet HTML 45Page - Amphenol Corporation CTV07R Datasheet HTML 46Page - Amphenol Corporation CTV07R Datasheet HTML 47Page - Amphenol Corporation CTV07R Datasheet HTML 48Page - Amphenol Corporation CTV07R Datasheet HTML 49Page - Amphenol Corporation CTV07R Datasheet HTML 50Page - Amphenol Corporation CTV07R Datasheet HTML 51Page - Amphenol Corporation CTV07R Datasheet HTML 52Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
46
Connector Type
D38999/ designates MIL-DTL-38999 Series III Connector
Shell Style
20
designates wall mount receptacle
24
designates jam nut receptacle
26
designates straight plug
(Consult Amphenol Aerospace for availability of composite box
mount receptacles)
Service Class
J
olive drab cadmium plate (175°C),
2000 hrs. dynamic salt spray
M
electroless nickel plate (200°C),
2000 hrs. dynamic salt spray
Shell Size
MIL-DTL-38999, Sizes 9-25
Insert Arrangement
MIL-DTL-38999, see insert arrangement charts, pg. 6 & 7.
Contact Type
H designates 1500 cycle pin contacts
J designates 1500 cycle socket contacts
P designates 500 cycle pin contacts
S designates 500 cycle socket contacts
A designates same as “P” except supplied less pin
contacts
B designates same as “S” except supplied less socket
contacts
(A & B designate non-standard contact applications)
Alternate Positions
Locksmith keying - rotation of minor keys. See page 8.
(Use N for normal)
D38999/
20
J
G
35
P
N
Connector Type
Shell Style
Service Class
Shell Size
Insert Arrangement
Contact Type
Alternate Positions
Military Part Number
To more easily illustrate ordering procedure of Tri-Start Composite Connectors by military
designation, part number D38999/20JG35PN is shown as follows:
Tri-Start
how to order – (D38999, CTV military, composite)
A
B
C
D
E
F
G
H
J
MIL Shell Size
9
11
13
15
17
19
21
23
25
Amphenol
Shell Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com