Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Copyright © Bridgetek Pte Ltd
28
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Pin
No.
Name
Type
Description
11
VCC1V2
P
+1.2V core voltage.
12
SPIM_CLK/SPIS_CLK/
GPIO34
I/O
GPIO34 input/output. (By default is GPIO input,
internal pull-low)
Serial clock output for SPI master.
Serial clock input for SPI slave.
13
SPIM_MISO/SPIS_MISO/
GPIO35
I/O
GPIO35 input/output. (By default is GPIO input,
internal pull-low)
Master in slave out for SPI master.
Master in slave out for SPI slave.
14
SPIM_MOSI/SPIS_MOSI/
GPIO36
I/O
GPIO36 input/output. (By default is GPIO input,
internal pull-low)
Master out slave in for SPI master.
Master out slave in for SPI slave.
15
SPIM_IO2/SPIS_SS/
GPIO37
I/O
GPIO37 input/output. (By default is GPIO input,
internal pull-low)
Data line 2 input/output for SPI master quad mode.
Slave select input for SPI slave.
16
SPIM_IO3/GPIO38
I/O
GPIO38 input/output. (By default is GPIO input,
internal pull-low)
Data line 3 input/output for SPI master quad mode.
17
RESETN
I
Chip reset input for normal operation. Active low.
Connect external 10k pull-up to VCC3V3 for safe
operation.
18
STESTRESETN
I
Chip reset input for test mode.
Short to Ground for normal operation.
19
DEBUG
I/O
One-wire debugger interface input/output.
20
VBUS_DTC/GPIO39
I/O
GPIO39 input/output. (By default is GPIO input,
internal pull-low)
USB Device VBUS detection.
21
NC
-
Not connected.
22
NC
-
Not connected.
23
NC
-
Not connected.
24
NC
-
Not connected.
25
NC
-
Not connected.
26
NC
-
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com