Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 37 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 37 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Copyright © Bridgetek Pte Ltd
37
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
As the timer decrements, an interrupt occurs when the timer rolls over. Once started and initialized the
watchdog can’t be stopped. It can only be cleared by writing into a register.
The four user timers can be controlled from the main clock, each timer has its own 16-bit prescaler.
These timers can be started, stopped and cleared / initialized. The prescalers can be cleared/initialised
the same way.
The current value of all timers/prescalers can be read from a common register one-at-a-time
(multiplexed access).
All timers can count up/down and signal an interrupt when the timer rolls over. The timers can also be
configured to be one-shot or in continuous mode. They are initialised from a common register one-at-a-
time (multiplexed access).
If the user timer has already started using its prescaler it cannot be cleared and the command is ignored.
Each of the prescalers automatically stops after it is cleared individually. It also starts automatically when
the corresponding user timer starts using it.
4.14.1 Features
Four user timers with individual prescaler.
Supports 16-bit prescaler with system clock reference.
Supports individual timer interrupt generation.
Supports one-shot and continuous count for timer.
Supports 32-bit counter watchdog.
Supports watchdog interrupt generation.
4.15
PWM
The FT93x series supports 8 separate independent PWM output channels. All channels share an 8-bit
prescaler to scale the system clock frequency to the desired channels.
Each channel has its own 16-bit comparator value. This is the value that would be matched to a preset
16-bit counter. When a channel’s 16-bit comparator value matches that of the 16-bit counter, the
corresponding PWM channel output will toggle. This 16-bit comparator value will continue to count until it
reaches its preset value, and the counter will just roll over.
A special feature allows each of the 8 channels to toggle its own output based on the comparison results
of the other channels. Hence each channel potentially can have up to 8 toggle edges.
The PWM signal generated can be output as either multi-single-shot or continuous.
PWM channel 0 and channel 1 can double as a stereo 11 KHz or 22 KHz PWM audio channel.
Once this feature is setup, the 16-bit or 8-bit PCM audio data can be downloaded to the PWM local FIFO
which can hold up to 64 bytes stereo or 128 bytes mono audio data. The data will be played back based
on the pre-scaler and 16-bit counter. The data will be automatically scaled to fit in the playback period if
necessary.
The PWM FIFO can generate a number of interrupts for FIFO management. They are FIFO empty, full,
half-full, overflow, and underflow.
Each of these interrupts can be individually masked if required.
4.15.1 Features
Support 8 PWM output channels.
Support multi-single-shot or continuous PWM data output.
Support external GPIO trigger.
Support 16-bit / 8-bit stereo PWM audio data output.
Control PWM FIFO full, empty, half-empty, overflow and underflow buffer management.
Support PCM volume control for audio playback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com