Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 49 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 49 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Copyright © Bridgetek Pte Ltd
49
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
SPI Slave I/O pins dynamic characteristics (Vcc (I/O) = 3.3V)
Parameter
Description
Vcc (I/O) 3.3V
Unit
Min
Typ
Max
TSCLK
SPI clock period
40
ns
TSCLKL
SPI clock low duration
16
ns
TSCLKH
SPI clock high duration
16
ns
TSAC
SPI access time
20
ns
TOD
output data delay
7
27
ns
TZO
output enable delay
10
ns
TOZ
output disable delay
10
ns
TCSH
CS hold time
0
ns
Table 5-10 SPI I/O pins (SPIS0_CLK/MOSI/MISO/SS, SPIS1_CLK/MOSI/MISO/SS)
characteristics
Figure 5-5 Definition of SPI Slave Timing Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com