Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 47 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 47 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Copyright © Bridgetek Pte Ltd
47
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
I2C Bus I/O pins dynamic characteristics (Vcc (I/O) = 3.3V)
Parameter
Description
Standard
mode (SM)
Fast mode
(FM)
Fast mode
Plus (FM+)
High Speed mode
(HS)
Unit
Min
Max
Min
Max
Min
Max
Min
Max
FSCL
SCL clock
frequency
0
100
0
400
0
1000
0
3400
kHz
TSCLL
SCL clock low
period
4.7
-
1.3
-
0.5
-
0.320
-
µs
TSCLH
SCL clock high
period
4.0
-
0.6
-
0.26
-
0.120
-
µs
TSU
Data setup time
250
-
100
-
50
-
10
-
ns
THD
Data hold time
0
-
0
-
0
-
0
150
ns
Tr
Rise time
-
1000
-
300
-
120
20
160
ns
TrCL1
Rise time 1st clock
after Sr and after
ack (HS)
20
160
ns
TrCL
Rise time clock
(HS)
20
80
ns
Tf
Fall time
-
300
-
300
-
120
20
80
(SCL)
160
(SDA)
ns
Table 5-8 I2C I/O pins (I2C0_SCL/SDA, I2C1_SCL/SDA) characteristics
Figure 5-2 Definition of I2C Timing F/S mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com