Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 35 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 35 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Copyright © Bridgetek Pte Ltd
35
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.9
Real Time Clock
The Real Time Clock (RTC) runs off a dedicated 32 kHz oscillator with its own power rail which can be
connected to a separate battery.
4.9.1 Features
Two clock sources, PCLK and CLK32KHZ
Built-in Clock Stabilizer for CLK32KHZ
Records system sleep time
Supports Date and Time format in BCD
Counts Second, Minute, Hour, Day, Date of the Month, Month and Year with Leap-Year
Compensation Valid up to 2199
Supports two configurable Time-of-Day Alarms
Supports 1Hz and 32768Hz clock outputs
Supports interrupt with 4 configurable events
Supports Oscillator Stop Flag with both external trigger and internal auto detection
Supports On-Chip Digital Trimming with Auto Calibration
4.10
One-Wire Debugger Interface
The Debugger interface provides the capability over a One-Wire half duplex serial link, to access memory
mapped address space, such as the FT93x flash memory, program memory, data memory, and I/O
memory. However, there is no transfer capability from any of the internal memory to the debugger
interface.
4.10.1 Features
Single wire half duplex link that has one Start, eight Data and one Stop bit at a 1M bit/s rate.
Supports debugger command read / write operation with variable data transfer.
Supports CHIP ID read out.
Supports checksum check by Flash memory operation.
Supports CPU software debugging to execute Run, Stop, Step, Halt, Set software breakpoint, etc.
operations.
Use semaphore flag to control resource allocated by CPU or Debugger.
4.11
SPI Interface
The FT93x series contains both SPI Master and SPI Slave controllers. SPI is a full duplex serial interface
designed to handle multiple masters and slaves connected to a given bus.
4.11.1 Features
Maximum SPI data bit rate 25MHz in master and slave modes.
Full duplex synchronous serial data transfer.
Compliant with SPI specification, supporting four transfer formats.
SPI master supports Single, Dual, and Quad SPI transfer.
SPI Slave support Single transfer only.
Support SPI mode and FIFO mode operations.
Multi-master system supported.
Support bus error detection.
SPI master can address up to 4 SPI slave devices.
Support 64 Bytes receiver and 64 Bytes transmitter FIFO respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com