Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 1 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 1 Page - Bridgetek Pte Ltd.

  FT930Q-R Datasheet HTML 1Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 2Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 3Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 4Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 5Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Copyright © Bridgetek Pte Ltd
1
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Future Technology Devices
International Ltd.
FT930/1/2/3
(Embedded Microcontroller)
The FT93x series includes the FT930, FT931, FT932
and FT933 which are complete System-On-Chip 32-bit
RISC microcontrollers for USB to multi-interface
bridging and embedded applications featuring a high
level of integration and low power consumption. With a
D2XX1 hardware engine built-in, it is compatible with
D2XX drivers. It has the following features:
High performance, low power mixed 16-bit/32-bit
FT32B core processor, running at a frequency of
100MHz.
128kB on-chip Flash memory.
128kB on-chip shadow program memory.
True Zero Wait States (0WS) up to 3.1 DMIPS per
MHz performance.
32kB on-chip data memory.
Integrated Phase-Locked Loop (PLL) supports
single external 12MHz crystal and direct external
clock source input.
Real Time Clock (RTC) with automatic calibration
to compensate for inaccuracies in low-cost 32.768
kHz crystal or other input source.
D2XX hardware engine (USB 2.0 Device) with up
to 7 interfaces
One USB 2.0 Device controller supports high-speed
(480 Mbit/s) and full-speed (12 Mbit/s).
USB2.0 Device controller supports Isochronous,
Interrupt, Control, and Bulk transfers for up to 15
endpoints
Supports One-Wire for firmware download and
software debugging.
One SPI Master supports single/dual/quad modes
of data transfer. Clock rate is up to 25 MHz
One SPI Slave supports single data transfer up to
25MHz.
SD Host Controller conformant to SDA SD Host
Controller specification V3.0, running up to 25
MHz and software support for SD/SDHC/SDXC
cards
I2C bus interfaces may be configured as master or
slave, supporting standard/fast /fast plus/high
speed mode data transfers. Max data transfer rate
up to 3.4 Mbit/s. Clock stretching is supported.
Four UARTs configurable as two full UART
interfaces or 4 half UART interfaces
Four 16-bit timers with prescaler and one 32-bit
watchdog timer.
Supports eight independent PWM channels. PWM
Channel 0 and 1 may be configured as stereo
audio output channels, supporting PCM 8-bit/16-
bit stereo data.
Supports two independent 10-bit DACs. DAC 0/1
channel output. Sample rate of ~1MS/s.
Supports three 8-bit ADC1/2/3 channel input.
Sample rate of ~480KS/s.
Single 3.3 volt power supply, built-in 1.2 V
regulator.
3.3 volt I/O power supply, all GPIO pins are 5V
tolerant.
Supports USB Battery Charging Specification Rev
1.2.
Power-On Reset (POR).
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free, RoHS compliant 68
to 48-pin packages.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied Bridgetek Pte Ltd
will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your statutory rights are not
affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of the
product might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject
to change without notice. No freedom to use patents or other intellectual property rights is implied by the publication of this document.
Bridgetek Pte Ltd, 178 Paya Lebar Road, #07-03, Singapore 409030. Singapore Registered Company Number: 201542387H
1 Used under agreement between BRT and FTDI, D2XX is the popular FTDI USB driver used on its FT2xx USB UART/FIFO Bridge platforms. It can
be accessed directly or through a virtual COM port.


Similar Part No. - FT930Q-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT936 ETC1-FT936 Datasheet
99Kb / 2P
Switch Detection Chip
More results

Similar Description - FT930Q-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH77790B SHARP-LH77790B Datasheet
202Kb / 32P
Embedded Microcontroller Thermal & Electrical Specification
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
ARM-Based Embedded Flash Microcontroller
ATA5790N ATMEL-ATA5790N_14 Datasheet
376Kb / 8P
Embedded AVR Microcontroller Including Complete LF
ATA5791 ATMEL-ATA5791_14 Datasheet
360Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
ATA5795C ATMEL-ATA5795C_14 Datasheet
388Kb / 8P
Embedded AVR Microcontroller Including RF Transmitter
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
In general the ADC embedded in the ST7 microcontroller
23-Aug-2007
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
logo
Bridgetek Pte Ltd.
FT900 BRIDGETEK-FT900 Datasheet
3Mb / 67P
Embedded Microcontroller
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com