Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 15 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 15 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Copyright © Bridgetek Pte Ltd
15
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Pin
No.
Name
Type
Description
32
SPIS_MISO/SD_CMD/GPIO1
I/O
GPIO1 input/output. (By default is GPIO input,
internal pull-low)
Master in slave out for SPI slave.
SD card command signal input/output.
33
SPIS_MOSI/SD_CD/GPIO2
I/O
GPIO2 input/output. (By default is GPIO input,
internal pull-low)
SD card detect input.
34
SPIS_SS/SD_DATA0/GPIO3
I/O
GPIO3 input/output. (By default is GPIO input,
internal pull-low)
Slave select input for SPI slave.
SD card data bus line 0 input/output.
35
PWM7/SD_DATA1/PWM0/
GPIO4
I/O
GPIO4 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 7, output.
SD card data bus line 1 input/output.
PWM channel 0, output. A stereo 16/8-bit PCM audio
data channel output.
36
PWM6/SD_DATA2/PWM1/
GPIO5
I/O
GPIO5 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 6, output.
SD card data bus line 2 input/output.
PWM channel 1, output. A stereo 16/8-bit PCM audio
data channel output.
37
PWM5/SD_DATA3/GPIO6
I/O
GPIO6 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 5, output.
SD card data bus line 3 input/output.
38
PWM4/SD_WP/GPIO7
I/O
GPIO7 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 4, output.
SD card write protection input.
39
PWM3/GPIO8
I/O
GPIO8 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 3, output.
40
PWM2/GPIO9
I/O
GPIO9 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 2, output.
41
PWM1/GPIO10
I/O
GPIO10 input/output. (By default is GPIO input,
internal pull-low)
PWM channel 1, output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com