Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 32 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 32 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Copyright © Bridgetek Pte Ltd
32
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.4
128kB Flash Memory
The internal 128kB Flash memory is used to store a bootloader or user application for the FT93x series. It
is a high performance and low power consumption memory that supports up to 80MHz serial clock. The
system will perform memory copy from Flash memory to CPU program memory automatically after
system power on.
4.5
Boot Sequence
After the initial memory copy completes, the CPU jumps to program memory location zero. This may be
the start of the user’s application which is stored in advance in the flash memory, or a bootloader, which
allows modification of the program memory via UART or USB as an example.
The option of a bootloader is a special purpose routine in the FT93x Series embedded microcontroller. It
is a small routine stored in the flash memory. Typically, the bootloader is 1kB to 4kB in size, and resides
at the top of the memory.
4.6
Interrupt
The FT93x interrupt controller handles 32 interrupt inputs. When an interrupt occurs, the Interrupt
Service Route (ISR) will process this event via the CPU. The ISR vector range is from 0 to 31, which
corresponds to interrupt 0 to 31. See Table 4-1 for further information.
Each interrupt shall be assigned the interrupt vector number and priority before use. By default, the
highest priority interrupt is interrupt 0, and the lowest is interrupt 31. However, the interrupt priority can
be rearranged by register settings and also allows multiple interrupts at the same priority.
To prevent the loss and delay of high priority interrupts, the FT93x series uses nested interrupts if
enabled. Nested interrupts allow interrupt requests of a high priority to pre-empt interrupt requests of a
lower priority. The FT93x series supports up to 16-levels deep nested interrupts.
The interrupt controller has a global interrupt mask bit to temporarily block all interrupts. If this bit is set
to “1”, then with the exception of an interrupt assigned priority as “0”, which is a non-maskable interrupt
(NMI) input, all interrupts are masked.
See Table 4-1 for the FT93x series default interrupt priority.
Peripherals of Interrupt
Interrupt Vector Index
Default Priority
Power Management
0
0 (NMI)
Reserved
1
1
USB2.0 Device Controller
2
2
Reserved
3
3
SD Host Controller
4
4
Mailbox Source
5
5
Mailbox Destination
6
6
UART 3
7
7
SPI Master
8
8
SPI Slave
9
9
Reserved
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com