Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 39 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 39 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Copyright © Bridgetek Pte Ltd
39
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.19
General Purpose Input Output
The FT93x series provides up to 40 configurable Input/output pins controlled by GPIO registers. All pins
have multiple functions with special peripheral connection. Separate registers allow setting or clearing
any number of outputs simultaneously.
All GPIO pins default to inputs with pull-down resistors enabled on reset.
All GPIOs can function as an interrupt. The polarity can be either positive edge or negative edge if the
interrupt capability is enabled. In this case, the GPIO pin must be configured as a GPIO input.
4.19.1 Features
All GPIO default to inputs after reset.
Multi-function selection on GPIO pins.
Pull-up/Pull-down resistor configuration and open-drain configuration can be programmed
through the pin connect block for each GPIO pin.
Direction control of individual bits.
Supports GPIO input Schmitt trigger to help remove noise.
Supports GPIO interrupt, where each enabled GPIO interrupt can be used to wake-up the system from
power-down mode.
4.20
System Clocks
4.20.1 12MHz Oscillator
The oscillator generates a 12MHz reference frequency output to the clock multiplier PLL. The oscillator
clock source comes from either an external 12MHz crystal or a 12MHz square wave clock. The external
crystal is connected across XI/CLKIN and XIO in the configuration shown in Section 6.1. The optional
external clock input is connected to XI only.
4.20.2 Phase Locked Loop
The internal PLL takes the 12MHz clock input from the crystal oscillator. The PLL outputs the 100MHz
system clock frequency to the CPU processor and other peripheral circuits. Each peripheral has an
individual enable control signal to gate the clock source.
4.20.3 32.768 kHz RTC Oscillator
The RTC oscillator provides a clock to the RTC time counter. An external 32.768 kHz crystal or a 32.768
kHz square wave signal can be used as the clock source.
The external crystal is connected across RTC_XI/RTC_CLKIN and RTC_XIO in the configuration shown in
Section 6.2. The optional external clock input is connected to RTC_XI/RTC_CLKIN only.
4.20.4 Internal Slow Clock Oscillator
The internal slow clock oscillator provides a 5ms slow clock source to generate an interrupt for the
USB2.0 device remote wake-up feature.
A USB2.0 device with remote wake-up capability may not generate a resume signal unless the bus has
been continuously in the idle state for 5ms. For detailed description of the USB2.0 resume/suspend, refer
to USB2.0 specification Chapters 7.1.7.6 & 7.1.7.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com