Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 44 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 44 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
Copyright © Bridgetek Pte Ltd
44
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vchirpj
Chirp-J output voltage
(Differential)
700
-
1100
mV
-
Vchirpk
Chirp-K output
voltage (Differential)
-900
-
-500
mV
-
Input level for full speed and low speed
Vdi
Differential input
voltage sensitivity
0.2
-
-
V
|Vdp-Vdm|
Vcm
Differential common
mode voltage
0.8
-
2.5
V
-
Vse
Single ended receiver
threshold
0.8
-
2.0
V
-
Output level for full speed and low speed
Vol
Low level output
voltage
0
-
0.3
V
-
Voh
High level output
voltage
2.8
-
3.6
V
-
Resistance
Rdrv
Driver output
impedance
40.5
45
49.5
ohm
Equivalent
resistance used as
an internal chip
Table 5-4 USB I/O Pin (D_DP/D_DM) Characteristics
5.3
AC Characteristics
AC Characteristics (Ambient Temperature = -40°C to +85°C)
System clock dynamic characteristics
Parameter
Value
Unit
Minimum
Typical
Maximum
Crystal oscillator
Clock frequency
-
12.00
-
MHz
External clock input
External clock
jitter
-
-
500
ps
Clock duty cycle
45
50
55
%
Input voltage on
pin XI/CLKIN
-
3.3
-
V
Table 5-5 System clock characteristics
Note: Recommended accuracy of the clock frequency is 50ppm for the crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com