Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 36 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 36 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Copyright © Bridgetek Pte Ltd
36
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.12
I2C Interface
The FT93x series supports an I2C bus controller which is a bidirectional two wire interface. The two wires
are Serial Clock line (SCL) and Serial Data line (SDA). The interface can be programed to operate with
arbitration and clock synchronization allowing it to operate in multi-master systems. The I2C interface
supports transmission speeds up to 3.4Mb/s.
4.12.1 Features
Conforms to v2.1 and v3.0 of the I2C specification.
UM10204 I2C-bus specification and user manual Rev. 6 – 4 April 2014
Support flexible transmission speed modes:
- Standard (up to 100 kb/s)
- Fast (up to 400 kb/s)
- Fast-plus (up to 1 Mb/s)
- High-speed (up to 3.4 Mb/s)
The I2C interface can be configured to operate in Master mode or Slave mode.
Perform arbitration and clock synchronization.
Multi-master systems supported.
Support both 7-bit and 10-bit addressing modes on the I2C bus.
Support clock stretching.
4.13
UART Interface
The FT93x series contains four UART controllers with standard transmit and receive data lines. UART0
provides a full modem control handshake interface and support for 9-bit data, allowing automatic address
detection while 9-bit data mode is enabled.
UART1 is a simplified programmable serial interface with CTS and RTS flow control logic. The signals are
multiplexed with UART0 and can only be used if UART0 is used in simple mode (CTS/RTS only).
4.13.1 Features
Maximum UART data bit rate of 8 Mbit/s.
Two modes of operation : UART mode and FIFO mode
16 / 128 bytes FIFO for TX and RX in FIFO mode to reduce the interrupt frequency
Software compatible with 16450, 16550, 16750 and 16950 UARTs
MODEM control functions (CTS, RTS, DSR, DTR, RI and DCD)
Programmable automatic out-of-band Flow Control logic through Auto-RTS and Auto-CTS
Programmable automatic Flow Control logic using DTR and DSR
Programmable automatic in-band Flow Control logic using XON / XOFF characters
RS-485 buffer enable signals.
Fully programmable serial interface characteristics:
- 5-, 6-, 7-, 8- or 9-bit characters
- Even, odd, or no-parity bit generation and detection
- 1, 1.5, or 2 stop-bit generation
- Baud generation
- Detection of bad data in receive FIFO
Support Transmitter and Receiver disable capability.
4.14
Timers and Watchdog Timer
The FT93x series has four 16-bit user timers with individual prescaler and a 32-bit watchdog feature.
The watchdog timer is controlled from the main clock. The watchdog can be initialized with a 5-bit
register. The value of this register points to a bit of the 32-bit counter which will be set by the application
firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com