Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Copyright © Bridgetek Pte Ltd
33
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Peripherals of Interrupt
Interrupt Vector Index
Default Priority
I2C Master
11
11
I2C Slave
12
12
UART 0
13
13
UART 1
14
14
UART 2
15
15
PWM
16
16
Timers
17
17
GPIO
18
18
RTC
19
19
ADC
20
20
DAC
21
21
Slow Clock Timer
22
22
UNUSED
24-31
24-31
Table 4-1 FT93x Series Default Interrupt Priority
4.7
Memory Mapping
A list of the I/O memory mapping for registers and memory in the FT93x series is given below in Table
4-2. Refer to the FT93x User Manual for a detailed description of the registers.
Function
Address Memory Range
Comment
General Setup registers
0x10000
0x100FF
DW/W/B
Interrupt controller registers
0x10100
0x1013F
DW/W/B
USB2.0 Device Controller
registers
0x10200
0x1031F
DW/W/B
RTC registers
0x10400
0x1043F
DW
SPI Master registers
0x10440
0x1047F
DW
SPI Slave registers
0x10480
0x104BF
DW
I2C Master registers
0x10500
0x1050F
B
I2C Slave registers
0x10510
0x1051F
B
UART 0 registers
0x10520
0x1052F
B
UART 1 registers
0x10530
0x1053F
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com