Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 17 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 17 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Copyright © Bridgetek Pte Ltd
17
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
Pin
No.
Name
Type
Description
59
DAC1
AO
10-bit D/A converter 1, output.
60
DAC0
AO
10-bit D/A converter 0, output.
61
RTC_XIO
AO
Output from the RTC Oscillator amplifier.
62
RTC_XI/RTC_CLKIN
AI
32.768KHz clock frequency input to the RTC
Oscillator circuit or to internal RTC clock generator
circuit.
63
VDDBAT
P
+1.5V real time clock supply voltage.
64
I2CM_SCL/I2CS_SCL/
GPIO12
I/O
GPIO12 input/output. (By default is GPIO input,
internal pull-low)
I2C master serial clock input/output.
I2C slave serial clock input/output.
65
I2CM_SDA/I2CS_SDA/
GPIO13
I/O
GPIO13 input/output. (By default is GPIO input,
internal pull-low)
I2C master data line input/output.
I2C slave data line input/output.
66
UART2_RXD/GPIO14
I/O
GPIO14 input/output. (By default is GPIO input,
internal pull-low)
Receiver input for UART2.
67
UART2_TXD/GPIO15
I/O
GPIO15 input/output. (By default is GPIO input,
internal pull-low)
Transmitter output for UART2.
68
UART2_RTS/GPIO16
I/O
GPIO16 input/output. (By default is GPIO input,
internal pull-low)
Request to send output for UART2.
Table 3-1 FT930 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com