Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT930Q-R Datasheet(PDF) 40 Page - Bridgetek Pte Ltd.

Part # FT930Q-R
Description  Embedded Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT930Q-R Datasheet(HTML) 40 Page - Bridgetek Pte Ltd.

Back Button FT930Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT930Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Copyright © Bridgetek Pte Ltd
40
FT93x Datasheet Embedded Microcontroller Datasheet
Version 1.5
Document Reference No.: BRT_000051
Clearance No.: BRT#049
4.21
Power Management
4.21.1 Power Supply
The FT93x series may be operated with a single supply of +3.3V applied to VCCIO3V3, VUSB3V3, and
VCC3V3A pins. The +1.2V internal regulator provides power to the core circuit after VCCIO3V3 power is
applied and the system will generate a Power on Reset (POR) pulse when the output voltage rises above
the POR threshold.
4.21.2 Power down Mode
Power down mode applies to the entire system. In the power down mode, the system 12MHz oscillator
and PLL both switch off and the system clock to the core and all peripherals stop except for the RTC
oscillator and internal regulator. The internal regulator retains power for the core and RTC operation.
An interrupt from GPIO or wake-up events from the USB2.0 Device controller can wake-up the system
from the power down mode independently.
If the USB2.0 Device controller was used and the respective interrupt bit was also enabled before the
system entered into power down mode, then the following events can wake-up the system.
USB2.0 Device controller detects connects interrupt.
USB2.0 Device controller detects disconnects interrupt.
USB Host issue reset signal to the USB2.0 Device controller.
USB Host issue resume signal to the USB2.0 Device controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com