Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 33 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 33 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 29Page - Texas Instruments DRV8317S Datasheet HTML 30Page - Texas Instruments DRV8317S Datasheet HTML 31Page - Texas Instruments DRV8317S Datasheet HTML 32Page - Texas Instruments DRV8317S Datasheet HTML 33Page - Texas Instruments DRV8317S Datasheet HTML 34Page - Texas Instruments DRV8317S Datasheet HTML 35Page - Texas Instruments DRV8317S Datasheet HTML 36Page - Texas Instruments DRV8317S Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
8.3.11.3.3 OCP Report Only (OCP_MODE = 011b)
No protective action occurs after an OCP event in this mode. The over current event is reported by driving the
nFAULT pin low and setting the FAULT, OCP bits (in DEV_STS register) and corresponding FETs' OCP bits
(in DRV_STS register) to 1b. DRV8317 continues to operate as usual. The external controller manages the
over current condition by acting appropriately. The reporting clears (nFAULT pin is released, FAULT, OCP, and
corresponding FETs' OCP bits are set to 0b) when a clear fault command is issued either through the FLT_CLR
bit or an nSLEEP reset pulse (tRST).
8.3.11.4 VM Over Voltage Protection (OVP)
If at any time, input supply voltage on the VM pin rises higher than the VOVP rising threshold, all the integrated
FETs are in Hi-Z, FAULT, OVP bits (in DEV_STS register) and VM_OV (in SUP_STS register) are set to 1b and
the nFAULT pin is driven low. Normal operation resumes automatically (pre-driver operation and the nFAULT pin
is released) once retry time (tRETRY) lapses after VM pin voltage is below the VOVP falling threshold as shown
inFigure 8-27. The FAULT, OVP and VM_OV bits stay set to 1b until clear fault command is issued either through
the FLT_CLR bit or an nSLEEP reset pulse (tRST).
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring OVP_MODE to 00b
• Fast retry time (FAST_TRETRY) by configuring OVP_MODE to 01b
IN DRV8317H, OVP_MODE is set to 01b and FAST_TRETRY is fixed at 5-ms.
VOVP (min) falling
VOVP (max) falling
VOVP (max) rising
VOVP (min) rising
VVM
nFAULT
FETs ON
FETs OFF
FETs ON
Time
tRETRY
tRETRY
Figure 8-27. VM Over Voltage Protection
8.3.11.5 SPI Fault
In the event of a SPI transaction fault (parity, frame or bus contention error), if SPLIFLT_MODE is set to 0b,
nFAULT is driven low, FAULT, SPIFLT bits (in DEV_STS register) and SPI_PARITY/ BUS_CNT/ FRM_ERR bits
(in SYSIF_STS register) are set to 1b. DRV8317 continues to operate as usual. The external controller manages
the SPI fault event by acting appropriately. The reporting clears (nFAULT pin is released, FAULT, SPIFLT, and
SPI_PARITY/ BUS_CNT/ FRM_ERR bits are set to 0b) when a clear fault command is issued either through the
FLT_CLR bit or an nSLEEP reset pulse (tRST).
If SPIFLT_MODE is set to 1b, SPI fault is disabled and reporting (nFAULT, status register bits) does not happen
on a SPI fault event.
8.3.11.6 System (OTP Read) Fault
DRV8317 loads the configurable register settings from the OTP on every power-up cycle. If an OTP read
fault is encountered while configuring the registers, pre-driver is disabled, FAULT, SYSFLT bits (in DEV_STS
register) and OTPLD_ERR bit (in SYSIF_STS register) are set to 1b and nFAULT is driven low. Normal operation
resumes (pre-driver, FAULT, SYSFLT, OTPLD_ERR bits set to 0b and nFAULT pin is released) when a clear
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com