Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 10 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 6Page - Texas Instruments DRV8317S Datasheet HTML 7Page - Texas Instruments DRV8317S Datasheet HTML 8Page - Texas Instruments DRV8317S Datasheet HTML 9Page - Texas Instruments DRV8317S Datasheet HTML 10Page - Texas Instruments DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments DRV8317S Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOFFSET_RT
Current sense offset low side current
input (Room Temperature)
TJ = 25°C, Phase current = 0 A, GCSA =
0.25 V/A
–100
100
mA
TJ = 25°C, Phase current = 0 A, GCSA =
0.5 V/A
–50
50
mA
TJ = 25°C, Phase current = 0 A, GCSA =
1 V/A
–30
30
mA
TJ = 25°C, Phase current = 0 A, GCSA =
2 V/A
–30
30
mA
IOFFSET
Current sense offset low side current
input
Phase current = 0 A, GCSA = 0.25 V/A
–140
140
mA
Phase current = 0 A, GCSA = 0.5 V/A
–70
70
mA
Phase current = 0 A, GCSA = 1 V/A
–50
50
mA
Phase current = 0 A, GCSA = 2 V/A
–50
50
mA
tSET
Settling time to ±1%, 30 pF
Step on SOX = 1.2 V, GCSA = 0.25 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 0.5 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 1 V/A
1
μs
Step on SOX = 1.2 V, GCSA = 2 V/A
1
μs
VDRIFT
Drift offset
Phase current = 0 A
–360
360
µA/
ICSAREF
CSAREF input current
VREF = 3.0 V
12
20
µA
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com