Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 15 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments DRV8317S Datasheet HTML 14Page - Texas Instruments DRV8317S Datasheet HTML 15Page - Texas Instruments DRV8317S Datasheet HTML 16Page - Texas Instruments DRV8317S Datasheet HTML 17Page - Texas Instruments DRV8317S Datasheet HTML 18Page - Texas Instruments DRV8317S Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
8 Detailed Description
8.1 Overview
The DRV8317 is an integrated MOSFET driver for 3-phase motor-drive applications. The combined high-side
and low-side FETs' on-state resistance is 130-mΩ (typical). The device reduces system component count, cost,
and complexity by integrating three MOSFET half-bridges, gate drivers, charge pump, current sense amplifiers
and linear regulator for external loads. In DRV8317S, a standard serial peripheral interface (SPI) provides
a simple method for configuring the various device settings and reading fault status information through an
external controller. In DRV8317H, a hardware (pin-based) interface allows configuring the PWM mode (6x or 3x),
current sense amplifier gain and output slew rate through pin voltage levels.
The gate driver architecture is designed to protect against short-circuit events and dV/dt parasitic turn-on of the
internal power MOSFETs.
The DRV8317 integrates three bi-directional low-side current sense amplifiers for monitoring the current through
each of the half-bridges using a built-in current sense circuit; no external current sense resistors are needed.
The gain of the current sense amplifiers can be adjusted through the SPI or hardware interface.
In addition to the high level of device integration, the DRV8317 provides a wide range of integrated protection
features. These features include power supply undervoltage lockout (UVLO), over voltage protection (OVP),
charge pump undervoltage lockout (CPUV), over current protection (OCP), AVDD under voltage lockout
(AVDD_UV) and over temperature warning and shutdown (OTW and OTS). Fault events are indicated by the
nFAULT pin with detailed information available in the status registers in the SPI variant.
The DRV8317S, DRV8317H devices are available in 0.4-mm pin pitch, WQFN surface-mount packages. The
WQFN package size is 5.00-mm × 4.00-mm with a height of 0.8-mm.
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com