Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 63 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 63 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 59Page - Texas Instruments DRV8317S Datasheet HTML 60Page - Texas Instruments DRV8317S Datasheet HTML 61Page - Texas Instruments DRV8317S Datasheet HTML 62Page - Texas Instruments DRV8317S Datasheet HTML 63Page - Texas Instruments DRV8317S Datasheet HTML 64Page - Texas Instruments DRV8317S Datasheet HTML 65Page - Texas Instruments DRV8317S Datasheet HTML 66Page - Texas Instruments DRV8317S Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
11.3 Thermal Considerations
The DRV8317 has thermal shutdown (OTS) as previously described. A die temperature in excess of 145°C
(min.) can disable the device until the temperature drops to a safe level.
Any tendency of the device to enter thermal shutdown is an indication of excessive power dissipation, insufficient
heatsinking, or too high an ambient temperature.
11.3.1 Power Dissipation and Junction Temperature Estimation
Power Dissipation
The power loss in DRV8317 include standby losses, LDO losses, FET conduction and switching losses, and
diode losses. The FET conduction loss dominates the total power dissipation in DRV8317. At start-up and fault
conditions, the output current is much higher than normal current; remember to take these peak currents and
their duration into consideration. The total device dissipation is the power dissipated in each of the three half
bridges added together. The maximum amount of power that the device can dissipate depends on ambient
temperature and heatsinking. Note that RDS,ON increases with temperature, so as the device heats, the power
dissipation increases. Take this into consideration when designing the PCB and heatsinking.
A summary of equations for calculating each loss is listed in Table 11-1 for trapezoidal control and field-oriented
control.
Table 11-1. DRV8317 Power Losses for Trapezoidal and Field-oriented Control
Loss type
Trapezoidal control
Field-oriented control
Standby power
Pstandby = VVM x IVMS
AVDD LDO
PLDO = (VVIN_AVDD - VAVDD) x IAVDD
FET conduction
PCON = 2 x (IPK(trap))2 x RDS,ON(TJ)
PCON = 3 x (IRMS(FOC))2 x RDS,ON(TJ)
FET switching
PSW = IPK(trap) x VPK(trap) x trise/fall x fPWM
PSW = 3 x IRMS(FOC) x VPK(FOC) x trise/fall x
fPWM
Diode (dead time)
Pdiode = 2 x IPK(trap) x VF(diode) x tDEAD x fPWM
Pdiode = 6 x IRMS(FOC) x VF(diode) x tDEAD x
fPWM
Note
RDS,ON (TJ) is the on-state resistance of a single FET at operating junction temperature.
Junction Temperature Estimation
To calculate the junction temperature of the die from power losses, use Equation 5. Note that the thermal
resistance RθJA depends on PCB configuration such as the numbers of PCB layers, copper thickness, ground
plane area and the PCB size.
TJ℃ =PLOSSW ×RθJA℃/W +TA℃
(5)
Refer to BLDC integrated MOSFET thermal calculator for estimating the approximate device power dissipation
and junction temperature at different use cases.
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com