Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 14 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 10Page - Texas Instruments DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments DRV8317S Datasheet HTML 14Page - Texas Instruments DRV8317S Datasheet HTML 15Page - Texas Instruments DRV8317S Datasheet HTML 16Page - Texas Instruments DRV8317S Datasheet HTML 17Page - Texas Instruments DRV8317S Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPU
Input pullup resistance
35
48
75
kΩ
CID
Input capacitance
30
pF
OPEN-DRAIN OUTPUTS (nFAULT)
VOL
Output logic low voltage
IOD = -5 mA
0.4
V
IOH
Output logic high current
3V ≤ VOD ≤ 3.6 V
–1
1
µA
COD
Output capacitance
30
pF
PUSH-PULL OUTPUTS (SDO)
VOL
Output logic low voltage
IOP = -5 mA, 3V ≤ VAVDD ≤ 3.6V
0
0.5
V
VOH
Output logic high voltage
IOP = 5 mA, 3V ≤ VAVDD ≤ 3.6V
VAVDD -
0.5
3.6
V
IOL
Output logic low current
VOP = 0 V
–1
1
µA
IOH
Output logic high current
VOP = 5 V
–2
2
µA
COD
Output capacitance
30
pF
(1)
(tOCP + tBLANK) must not exceed 2.2 µs
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com