Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 17Page - Texas Instruments DRV8317S Datasheet HTML 18Page - Texas Instruments DRV8317S Datasheet HTML 19Page - Texas Instruments DRV8317S Datasheet HTML 20Page - Texas Instruments DRV8317S Datasheet HTML 21Page - Texas Instruments DRV8317S Datasheet HTML 22Page - Texas Instruments DRV8317S Datasheet HTML 23Page - Texas Instruments DRV8317S Datasheet HTML 24Page - Texas Instruments DRV8317S Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
8.3.3.1 Serial Peripheral Interface (SPI)
The SPI variant (DRV8317S) supports a serial communication bus that allows an external controller to send and
receive data with DRV8317. This enables the external controller to configure device settings and read detailed
fault information. The interface is a four wire interface using the SCLK, SDI, SDO, and nSCS pins which are
described as follows:
• The SCLK (serial clock) pin is an input that accepts a clock signal to determine when data is captured and
propagated on the SDI and SDO pins.
• The SDI (serial data in) pin is the data input.
• The SDO (serial data out) pin is the data output.
• The nSCS (serial chip select) pin is the chip select input. A logic low signal on this pin enables SPI
communication with the DRV8317.
For more information on the SPI, see Section 8.5.
8.3.3.2 Hardware Interface
The hardware variant (DRV8317H) replaces the four SPI pins with three resistor-configurable pins, namely,
GAIN, SLEW and MODE (one of the four SPI pins is NC in hardware variant).
PWM control mode, CSA gain and driver output slew rate can be adjusted on the hardware interface by tying
the respective pins to AGND, AVDD, pulling down to AGND with a 47-kΩ resistor or by leaving the pin floating
(Hi-Z). In DRV8317H, fault conditions are reported on the nFAULT pin, but detailed fault information is not
available.
• The GAIN pin configures the gain of the current sense amplifier.
• The SLEW pin configures the slew rate of the output voltage to motor.
• The MODE pin configures the PWM control mode.
For more information on the hardware interface, see Section 8.3.9.
Table 8-5. Hardware Pins Decode
Configuration
GAIN
SLEW
MODE
Pin tied to AGND
0.25-V/A
25-V/µs
6x PWM mode
Pin pulled to AGND via 47-kΩ
0.5-V/A
50-V/µs
6x PWM mode
Pin floating (Hi-Z)
1-V/A
125-V/µs
3x PWM mode
Pin tied to AVDD
2-V/A
200-V/µs
3x PWM mode
SPI
Interface
SDI
SDO
SCLK
nSCS
AVDD
AVDD
Figure 8-5. DRV8317S SPI Interface
MODE
SLEW
GAIN
47-k
AVDD
AVDD
Hardware
Interface
AVDD
Figure 8-6. DRV8317H Hardware Interface
8.3.4 AVDD Linear Voltage Regulator
A 3.3-V, 80mA linear regulator is integrated in the DRV8317 and is available to power external circuits. The
AVDD regulator is used for powering up the internal circuits of DRV8317 and can also provide power to external
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com