Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 9Page - Texas Instruments DRV8317S Datasheet HTML 10Page - Texas Instruments DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments DRV8317S Datasheet HTML 14Page - Texas Instruments DRV8317S Datasheet HTML 15Page - Texas Instruments DRV8317S Datasheet HTML 16Page - Texas Instruments DRV8317S Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tOCP (1)
Overcurrent protection deglitch time
OCP_DEG = 00b
0.1
0.3
0.45
µs
OCP_DEG = 01b
0.35
0.6
0.85
µs
OCP_DEG = 10b
0.6
0.9
1.25
µs
OCP_DEG = 11b
0.8
1.2
1.5
µs
tOCP (1)
Overcurrent protection deglitch time (HW
Variant)
0.35
0.6
0.85
µs
tRETRY
Overcurrent protection retry time
FAST_TRETRY = 00b
0.35
0.5
0.7
ms
FAST_TRETRY = 01b
0.75
1
1.3
ms
FAST_TRETRY = 10b
1.65
2
2.45
ms
FAST_TRETRY = 11b
4.35
5
5.85
ms
tRETRY
Overcurrent protection retry time
SLOW_TRETRY = 00b
350
500
700
ms
SLOW_TRETRY = 01b
750
1000
1300
ms
SLOW_TRETRY = 10b
1650
2000
2450
ms
SLOW_TRETRY = 11b
4350
5000
5850
ms
tRETRY
Overcurrent protection retry time (HW
Variant)
4.35
5
5.85
ms
TOTW_FET
Overtemperature warning threshold
(FET)
Die temperature (TJ) Rising
110
125
140
°C
TOTW_HYS_F
ET
Overtemperature warning hysteresis
(FET)
Die temperature (TJ)
15
20
25
°C
TOTS_FET
Overtemperature shutdown threshold
(FET)
Die temperature (TJ) Rising
145
160
175
°C
TOTS_HYS_FE
T
Overtemperature shutdown hysteresis
(FET)
Die temperature (TJ)
14
20
25
°C
TOTS_LDO
Overtemperature shutdown threshold
(LDO)
Die temperature (TJ) Rising
145
160
175
°C
TOTS_HYS_LD
O
Overtemperature shutdown hysteresis
(LDO)
Die temperature (TJ)
14
20
25
°C
LOGIC-LEVEL INPUTS (INHx, INLx, nSLEEP, SCLK, SDI)
VIL
Input logic low voltage
nSLEEP
0
0.7
V
VIL
Input logic low voltage
SDI, INLx, INHx, SCLK
0
0.65
V
VIH
Input logic high voltage
nSLEEP
1.7
5.5
V
VIH
Input logic high voltage
SDI, INLx, INHx, SCLK
1.5
3.6
V
VHYS
Input logic hysteresis
nSLEEP
200
600
mV
VHYS
Input logic hysteresis
SDI, INLx, INHx, SCLK
200
500
mV
IIL
Input logic low current
nSLEEP, SDI, INLx, INHx, SCLK (Pin
Voltage) = 0 V
–1
1
µA
IIH
Input logic high current
nSLEEP (Pin Voltage) = 5V
40
µA
Other pins, 3V ≤ VPIN (Pin Voltage) ≤
3.6V
30
µA
RPD
Input pulldown resistance
nSLEEP
150
300
SDI, SCLK, INHx, INLx
150
300
CID
Input capacitance
nSLEEP, SDI, SCLK, INHx, INLx
30
pF
LOGIC-LEVEL INPUTS (nSCS)
VIL
Input logic low voltage
0
0.7
V
VIH
Input logic high voltage
1.5
3.6
V
VHYS
Input logic hysteresis
200
500
mV
IIL
Input logic low current
VPIN (Pin Voltage) = 0 V
95
µA
IIH
Input logic high current
3V ≤ VPIN (Pin Voltage) ≤ 3.6V
-1
1
µA
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com