Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 25 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 21Page - Texas Instruments DRV8317S Datasheet HTML 22Page - Texas Instruments DRV8317S Datasheet HTML 23Page - Texas Instruments DRV8317S Datasheet HTML 24Page - Texas Instruments DRV8317S Datasheet HTML 25Page - Texas Instruments DRV8317S Datasheet HTML 26Page - Texas Instruments DRV8317S Datasheet HTML 27Page - Texas Instruments DRV8317S Datasheet HTML 28Page - Texas Instruments DRV8317S Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
tPD
OUTx Low
OUTx High
OUTx
Time
10%
INx
Figure 8-13. Propagation Delay
8.3.9 Pin Diagrams
This section presents the I/O structure of all digital input and output pins.
8.3.9.1 Logic Level Input Pin (Internal Pulldown)
Figure 8-14 shows the input structure for the logic levels pins INHx, INLx, nSLEEP, SCLK and SDI. The input
can be driven with an external resistor to GND or an external logic voltage supply. It is recommended to pull
these pins low in device sleep mode to reduce leakage current through the internal pull-down resistors.
AVDD
Logic High
INPUT
VIH
STATE
Tied to AVDD
CONNECTION
VIL
Tied to GND
Logic Low
RPD
ESD
Figure 8-14. Logic-Level Input Pin Structure
8.3.9.2 Logic Level Input Pin (Internal Pullup)
Figure 8-15 shows the input structure for the logic level pin nSCS. The input can be driven with an external
resistor to GND or an external logic voltage supply .
AVDD
Logic High
INPUT
VIH
STATE
Tied to AVDD
CONNECTION
VIL
Tied to GND
Logic Low
AVDD
ESD
RPU
Figure 8-15. nSCS Input Pin Structure
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com