Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 56 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 56 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 52Page - Texas Instruments DRV8317S Datasheet HTML 53Page - Texas Instruments DRV8317S Datasheet HTML 54Page - Texas Instruments DRV8317S Datasheet HTML 55Page - Texas Instruments DRV8317S Datasheet HTML 56Page - Texas Instruments DRV8317S Datasheet HTML 57Page - Texas Instruments DRV8317S Datasheet HTML 58Page - Texas Instruments DRV8317S Datasheet HTML 59Page - Texas Instruments DRV8317S Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
9.2 Typical Applications
9.2.1 Three-Phase Brushless-DC Motor Control
In this application, the DRV8317 is used to drive a brushless-DC motor using PWMs from an external
microcontroller.
9.2.1.1 Detailed Design Procedure
Table 9-1 lists the example input parameters for the system design.
Table 9-1. Design Parameters
DESIGN PARAMETERS
REFERENCE
EXAMPLE VALUE
Supply voltage
VVM
12 V
Motor RMS current
IRMS
2 A
Motor peak current
IPEAK
3 A
PWM Frequency
fPWM
50 kHz
Slew Rate Setting
SR
200 V/µs
VIN_AVDD supply voltage
VVIN_AVDD
12 V
CSA reference voltage
VCSA_REF
3.0 V
System ambient temperature
TA
–20°C to +50°C
9.2.1.1.1 Motor Voltage
Brushless-DC motors are typically rated for a certain voltage (for example, 5V or 12V). The DRV8317 allows for
a range of possible operating voltages from 4.5-V to 20-V.
9.2.1.2 Driver Propagation Delay and Dead Time
The propagation delay is defined as the time taken for changing input logic edges INHx and INLx (whichever
changes first, if MCU dead time is added) to change the half-bridge output voltage (OUTx). Driver propagation
delay (tPD) and dead time (tdead) are specified with a typical and maximum value, but not with a minimum value.
This is because the propagation delay can be smaller than typical depending on the direction of current at
the OUTx pin during synchronous switching. Driver propagation delay and dead time can be more than typical
values due to slower internal turn-on of the high-side or low-side internal MOSFETs to avoid parasitic dV/dt
coupling.
For more information and examples of how propagation delay and dead time differs for input PWM and output
configurations, refer to Delay and Dead Time in Integrated MOSFET Drivers .
The dead time from the external microcontroller’s (MCU) PWM inputs (INHx, INLx) can be used as an extra
precaution in addition to the DRV8317 internal shoot-through (cross conduction) protection. If the MCU dead
time is less than the DRV8317 driver dead time, actual output (OUTx voltage) dead time will be decided by
the DRV8317 dead time (tDEAD). If the MCU dead time is larger than the driver dead time, actual output (OUTx
voltage) dead time will be decided by the MCU dead time.
A summary of the DRV8317 delay times with respect to synchronous inputs INHx and INLx, OUTx current
direction, and MCU dead time are listed in Table 9-2.
Table 9-2. Summary of Delay Times in DRV8317 Depending on Logic Inputs and Output Current Direction
OUTx Current
Direction
INHx
INLx
Propagation Delay
(tPD)
Dead Time (tDEAD) Inserted MCU Dead Time (tDEAD(MCU))
tDEAD(MCU) ≤ tDEAD
tDEAD(MCU) > tDEAD
Out of OUTx
Rising
Falling
≤ tPD (max)
≤ tDEAD (max)
Output dead time ≤ tDEAD
(max)
Output dead time = tDEAD(MCU)
Falling
Rising
≤ tPD (typ.)
≤ tDEAD (typ.)
Output dead time ≤ tDEAD
(typ.)
Output dead time < tDEAD(MCU)
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com