Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 7Page - Texas Instruments DRV8317S Datasheet HTML 8Page - Texas Instruments DRV8317S Datasheet HTML 9Page - Texas Instruments DRV8317S Datasheet HTML 10Page - Texas Instruments DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments DRV8317S Datasheet HTML 14Page - Texas Instruments DRV8317S Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
VOVP
Supply overvoltage protection (OVP)
VM rising
21
22
23
V
VM falling
20
21
22
V
VOVP_HYS
Supply overvoltage protection hysteresis Falling to rising threshold
900
1000
1200
mV
tOVP
Supply overvoltage protection deglitch
time
3
5
7
µs
VUVLO
Supply undervoltage lockout (UVLO)
VM rising
4.25
4.4
4.61
V
VM falling
4.1
4.2
4.35
V
VUVLO_HYS
Supply undervoltage lockout hysteresis
Rising to falling threshold
140
210
350
mV
tUVLO
Supply undervoltage lockout deglitch
time
3
5
7
µs
VVMUV_WARN
_RISE
Supply (VM) undervoltage warning,
rising
VM rising, VMUV_WARN_RISE = 0000b
5.4
5.62
6
V
VM rising, VMUV_WARN_RISE = 0001b
6
6.25
6.6
V
VM rising, VMUV_WARN_RISE = 0010b
6.6
6.87
7.25
V
VM rising, VMUV_WARN_RISE = 0011b
7.15
7.5
7.95
V
VM rising, VMUV_WARN_RISE = 0100b
7.8
8.12
8.6
V
VM rising, VMUV_WARN_RISE = 0101b
8.4
8.75
9.3
V
VM rising, VMUV_WARN_RISE = 0110b
9
9.37
9.9
V
VM rising, VMUV_WARN_RISE = 0111b
9.6
10
10.6
V
VM rising, VMUV_WARN_RISE = 1000b
10.2
10.62
11.2
V
VM rising, VMUV_WARN_RISE = 1001b
10.8
11.25
11.9
V
VM rising, VMUV_WARN_RISE = 1010b
11.35
11.87
12.55
V
VM rising, VMUV_WARN_RISE = 1011b
11.95
12.5
13.15
V
VM rising, VMUV_WARN_RISE = 1100b
13.2
13.75
14.5
V
VM rising, VMUV_WARN_RISE = 1101b
14.3
15.00
15.9
V
VM rising, VMUV_WARN_RISE = 1110b
15.5
16.25
17.1
V
VM rising, VMUV_WARN_RISE = 1111b
16.7
17.5
18.6
V
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com