Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 59 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 59 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 55Page - Texas Instruments DRV8317S Datasheet HTML 56Page - Texas Instruments DRV8317S Datasheet HTML 57Page - Texas Instruments DRV8317S Datasheet HTML 58Page - Texas Instruments DRV8317S Datasheet HTML 59Page - Texas Instruments DRV8317S Datasheet HTML 60Page - Texas Instruments DRV8317S Datasheet HTML 61Page - Texas Instruments DRV8317S Datasheet HTML 62Page - Texas Instruments DRV8317S Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
9.3 Alternate Applications
The DRV8317 can be used to drive brushed-DC motors and solenoid loads. The following design procedure can
be used to configure the DRV8317.
nSLEEP
CSAREF
INHA
INLA
AVDD
AGND
VVM
VM
CP
+
OUTA
OUTB
OUTC
CAVDD
INHB
INLB
INHC
INLC
0.1 µF
0.1 µF
10 µF
MODE
GAIN
SLEW
HW
PWM
Control
Input
nFAULT
GP-I
5.1 k
GP-O
GP-O
GP-O
GP-O
GP-O
GP-O
PWM
Control
Module
PGND
VCC
0.1 µF
DRV8317H
Microcontroller
External
Load
Voltage
Supervisor
ADC
VIN_AVDD
AVDD
+
0.1 µF
10 µF
M
Load
VVM
CPH
CPL
47 nF
Sleep Control
SOC
SOA
SOB
Current
Sensing
CSA
ADC
ADC
ADC
330
330
330
22 pF
22 pF
22 pF
Figure 9-6. Application Schematics (DRV8317H) - Brushed-DC and Solenoid Load Drive Block Diagram
6x PWM mode or 3x PWM mode can be used to drive brushed-DC and/or solenoid loads depending on the
application. A Brushed-DC motor can be connected to two OUTx phases to create an integrated full H-bridge
configuration to drive the motor in both direction.
Solenoid loads can be connected from OUTx to VM or GND to use the DRV8317 as a push-pull driver in 6x
PWM or 3x PWM mode. When the load is connected from OUTx to GND, the HS MOSFET sources current into
the solenoid, and the LS MOSFET acts as a recirculation diode to recirculate current from the solenoid. When
the load is connected from OUTx to VM, the LS MOSFET sink current from the solenoid to GND, and the HS
MOSFET acts as a recirculation diode to recirculate current from the solenoid.
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com