Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 55 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 55 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 51Page - Texas Instruments DRV8317S Datasheet HTML 52Page - Texas Instruments DRV8317S Datasheet HTML 53Page - Texas Instruments DRV8317S Datasheet HTML 54Page - Texas Instruments DRV8317S Datasheet HTML 55Page - Texas Instruments DRV8317S Datasheet HTML 56Page - Texas Instruments DRV8317S Datasheet HTML 57Page - Texas Instruments DRV8317S Datasheet HTML 58Page - Texas Instruments DRV8317S Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The DRV8317 can be used to drive brushless-DC motors. The following design procedure can be used to
configure the DRV8317.
nSLEEP
SOC
SOA
SOB
CSAREF
INHA
INLA
AVDD
AGND
VVM
VM
CP
+
OUTA
OUTB
OUTC
CAVDD
INHB
INLB
INHC
INLC
0.1 µF
0.1 µF
10 µF
SDO
SCLK
SDI
nSCS
GP-I
GP-O
GP-O
GP-O
SPI
SPI
PWM
Control
Input
nFAULT
GP-I
5.1 k
Current
Sensing
GP-O
GP-O
GP-O
GP-O
GP-O
GP-O
PWM
Control
Module
CSA
ADC
ADC
ADC
PGND
VCC
0.1 µF
Sleep Control
DRV8317S
A
B
B
Microcontroller
GP-I
Hall Input
GP-I
GP-I
Hall
Sensors
(Optional)
External
Load
Voltage
Supervisor
ADC
VIN_AVDD
+
10 µF
0.1 µF
CPH
CPL
47 nF
330
330
330
22 pF
22 pF
22 pF
Figure 9-1. Application Schematics (DRV8317S)
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com