Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 5Page - Texas Instruments DRV8317S Datasheet HTML 6Page - Texas Instruments DRV8317S Datasheet HTML 7Page - Texas Instruments DRV8317S Datasheet HTML 8Page - Texas Instruments DRV8317S Datasheet HTML 9Page - Texas Instruments DRV8317S Datasheet HTML 10Page - Texas Instruments DRV8317S Datasheet HTML 11Page - Texas Instruments DRV8317S Datasheet HTML 12Page - Texas Instruments DRV8317S Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDEAD
Dead time (high to low / low to high)
VVM = 12V, SLEW_RATE = 00b (SPI
Variant) or SLEW pin tied to AGND (HW
Variant)
575
1500
ns
VVM = 12V, SLEW_RATE = 01b (SPI
Variant) or SLEW pin to 47 kΩ +/- 5%
tied to AGND (HW Variant)
325
750
ns
VVM = 12V, SLEW_RATE = 10b (SPI
Variant) or SLEW pin to Hi-Z (HW
Variant)
250
600
ns
VVM = 12V, SLEW_RATE = 11b (SPI
Variant) or SLEW pin tied to AVDD (HW
Variant)
250
600
ns
tPD
Propagation delay (high-side / low-side
ON/OFF)
INHx = 1 to OUTx transisition, VVM =
12V, SLEW = 00b (SPI Variant) or SLEW
pin tied to AGND (HW Variant)
1300
1750
ns
INHx = 1 to OUTx transisition, VVM =
12V, SLEW = 01b (SPI Variant) or SLEW
pin to 47 kΩ +/- 5% tied to AGND (HW
Variant)
800
1050
ns
INHx = 1 to OUTx transisition, VVM =
12V, SLEW = 10b (SPI Variant) or SLEW
pin to Hi-Z (HW Variant)
450
600
ns
INHx = 1 to OUTx transisition, VVM =
12V, SLEW = 11b (SPI Variant) or SLEW
pin tied to AVDD (HW Variant)
425
500
ns
tMIN_PULSE
Minimum output pulse width
SLEW = 11b (SPI Variant) or SLEW pin
tied to AVDD (HW Variant)
500
ns
CURRENT SENSE AMPLIFIER
GCSA
Current sense gain
CSA_GAIN = 00b (SPI Variant) or GAIN
pin tied to AGND (HW Variant)
0.25
V/A
CSA_GAIN = 01b (SPI Variant) or GAIN
pin to 47 kΩ +/- 5% tied to AGND (HW
Variant)
0.5
V/A
CSA_GAIN = 10b (SPI Variant) or GAIN
pin to Hi-Z (HW Variant)
1
V/A
CSA_GAIN = 11b (SPI Variant) or GAIN
pin tied to AVDD (HW Variant)
2
V/A
GCSA_ERR
Current sense gain error
TA = 25°C, IPHASE ≤ 2.5 A
–3
3
%
GCSA_ERR
Current sense gain error
TA = 25°C, 2.5 A < IPHASE ≤ 4 A
–3.5
3.5
%
GCSA_ERR
Current sense gain error
TA = 25°C, 4 A < IPHASE ≤ 5 A
–3.5
4.5
%
GCSA_ERR
Current sense gain error
IPHASE ≤ 2.5 A
–4.5
4.5
%
GCSA_ERR
Current sense gain error
2.5 A < IPHASE ≤ 4 A
–5
6
%
GCSA_ERR
Current sense gain error
4A < IPHASE ≤ 5 A
–5
8
%
IMATCH
Current sense gain error matching
between phases A, B and C
TJ = 25°C
–3
3
%
–5
5
%
FSPOS
Full scale positive current measurement
5
A
FSNEG
Full scale negative current measurement
–5
A
VLINEAR
SOX output voltage linear range
0.25
VREF –
0.25
V
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com