Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317S Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Datasheet(HTML) 4 Page - Texas Instruments

  DRV8317S Datasheet HTML 1Page - Texas Instruments DRV8317S Datasheet HTML 2Page - Texas Instruments DRV8317S Datasheet HTML 3Page - Texas Instruments DRV8317S Datasheet HTML 4Page - Texas Instruments DRV8317S Datasheet HTML 5Page - Texas Instruments DRV8317S Datasheet HTML 6Page - Texas Instruments DRV8317S Datasheet HTML 7Page - Texas Instruments DRV8317S Datasheet HTML 8Page - Texas Instruments DRV8317S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
6 Pin Configuration and Functions
36
35
34
33
32
31
30
29
nSLEEP
nFAULT
NC
1
2
3
4
5
6
7
8
9
10
CPL
CPH
CP
VIN_AVDD
VM
VM
PGND
28
27
26
25
24
23
22
21
20
19
11
12
13
14
15
16
17
18
INLC
INHC
INLB
INHB
INLA
INHA
AVDD
AGND
VM
PGND
Thermal Pad
Figure 6-1. DRV8317S 36-Pin WQFN With Exposed Thermal Pad Top View
36
35
34
33
32
31
30
29
nSLEEP
nFAULT
NC
1
2
3
4
5
6
7
8
9
10
CPL
CPH
CP
VIN_AVDD
VM
VM
PGND
28
27
26
25
24
23
22
21
20
19
11
12
13
14
15
16
17
18
INLC
INHC
INLB
INHB
INLA
INHA
AVDD
AGND
VM
PGND
Thermal Pad
Figure 6-2. DRV8317H 36-Pin WQFN With Exposed Thermal Pad Top View
Table 6-1. Pin Functions
PIN
36-pin package
TYPE
(1)
DESCRIPTION
NAME
DRV8317S DRV8317H
AGND
21
21
GND
Device analog ground. Connect to a separate ground plane.
(1)
AVDD
22
22
PWR O
3.3V regulator output. Connect a X5R or X7R, 2.2-µF (no load) or 4.7-µF (up to
80mA load), 6.3-V ceramic capacitor between the AVDD and AGND pins. This
regulator can source up to 80 mA for external loads.
CP
6
6
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between
the CP and VM pins.
CPH
5
5
PWR
Charge pump switching node. Connect a X5R or X7R, 100-nF, (2xVM)- rated
ceramic capacitor between the CPH and CPL pins.
CPL
4
4
PWR
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com