Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 178 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 178 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 174Page - Microchip Technology KSZ9563RNXC Datasheet HTML 175Page - Microchip Technology KSZ9563RNXC Datasheet HTML 176Page - Microchip Technology KSZ9563RNXC Datasheet HTML 177Page - Microchip Technology KSZ9563RNXC Datasheet HTML 178Page - Microchip Technology KSZ9563RNXC Datasheet HTML 179Page - Microchip Technology KSZ9563RNXC Datasheet HTML 180Page - Microchip Technology KSZ9563RNXC Datasheet HTML 181Page - Microchip Technology KSZ9563RNXC Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 226 page
background image
KSZ9563R
DS00002419D-page 178
 2017-2018 Microchip Technology Inc.
5.2.11.6
Port PTP Egress Timestamp for Sync High Word Register
5.2.11.7
Port PTP Egress Timestamp for Sync Low Word Register
5.2.11.8
Port PTP Egress Timestamp for PDelay_Resp High Word Register
5.2.11.9
Port PTP Egress Timestamp for PDelay_Resp Low Word Register
Address:
0xNC0C - 0xNC0D
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Egress Timestamp for Sync in Nanoseconds
(SYNC_TS[31:16])
This field contains the Port N egress timestamp high-word value for the Sync
frame in nanoseconds.
RO
0x0000
Address:
0xNC0E - 0xNC0F
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Eg0ss Timestamp for Sync in Nanoseconds
(SYNC_TS[15:16])
This field contains the Port N egress timestamp low-word value for the Sync
frame in nanoseconds.
RO
0x0000
Address:
0xNC10 - 0xNC11
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Egress Timestamp for Pdelay_Resp in Nanoseconds
(PDLY_TS[31:16])
This field contains the Port N egress timestamp high-word value for the Pde-
lay_Resp frame in nanoseconds.
RO
0x0000
Address:
0xNC12 - 0xNC13
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N Egress Timestamp for Pdelay_Resp in Nanoseconds
(PDLY_TS[15:0])
This field contains the Port N egress timestamp low-word value for the Pde-
lay_Resp frame in nanoseconds.
RO
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com