Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 181 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 181 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 177Page - Microchip Technology KSZ9563RNXC Datasheet HTML 178Page - Microchip Technology KSZ9563RNXC Datasheet HTML 179Page - Microchip Technology KSZ9563RNXC Datasheet HTML 180Page - Microchip Technology KSZ9563RNXC Datasheet HTML 181Page - Microchip Technology KSZ9563RNXC Datasheet HTML 182Page - Microchip Technology KSZ9563RNXC Datasheet HTML 183Page - Microchip Technology KSZ9563RNXC Datasheet HTML 184Page - Microchip Technology KSZ9563RNXC Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 181
KSZ9563R
5.3
Tables and MIB Counters (Indirect Access)
Indirect address and data registers are used to access the various tables and counters:
• Address Lookup (ALU) Table
• Static Address Table
• Reserved Multicast Address Table
• VLAN Table
• Access Control List (ACL) Table
• Management Information Base (MIB) Counters
5.3.1
ADDRESS LOOKUP (ALU) TABLE
The Address Lookup Table is the largest of three tables used for MAC address lookup. It supports both dynamic and
static MAC address entries. In response to a destination address (DA) lookup, all tables are searched to make a packet
forwarding decision. In response to a source address (SA) lookup, only this table is searched for aging, migration and
learning of the dynamic entries.
It is suggested that static address entries be programmed to the Static Address Table. When that table is full, additional
static address entries may be programmed into this table. Static entries will not be aged out.
A static DA lookup result (in either this table or the Static Address Table) takes precedence over the dynamic DA lookup
result.
This table is a 4-way associative memory, with 1K buckets, for a total of 4K entries. In normal operation, the MAC
address (and optionally the FID) are hashed to generate a 10-bit index. The 10-bit index specifies a bucket of up to 4
entries, but the entries within each bucket are not individually addressable. A new entry can be added to a bucket if the
bucket contains 3 or fewer valid entries. Once a bucket is full with 4 valid entries, any new entry will overwrite the least-
recently-used dynamic entry.
If a bucket contains 2 or 3 static entries, adding an additional static entry to that bucket will generate an Almost Full
interrupt. (Refer to the Address Lookup Table Interrupt Register and Global Interrupt Status Register). Once the interrupt
is generated, the 12-bit absolute address of the new static entry will be available for reading in the Address Lookup Table
Entry Index 0 Register bits [11:0].
If a bucket is full with 4 static entries, attempting to write an additional static entry will fail and will result in a Write Fail
Interrupt. Once the interrupt is generated, the 10-bit index of the full bucket will be available for reading in the Address
Lookup Table Entry Index 0 Register bits [9:0].
A bucket with 4 static entries will also block any dynamic entries from being learned. Such a failure will generate a Learn
Fail Interrupt. Once the interrupt is generated, the 10-bit index of the full bucket will be available for reading in the
Address Lookup Table Entry Index 1 Register bits [9:0].
This table is accessed indirectly via the ALU Table registers:
• ALU Table Index 0 Register
• ALU Table Index 1 Register
• ALU Table Access Control Register
• ALU Table Entry 1 Register
• ALU Table Entry 2 Register
• ALU Table Entry 3 Register
• ALU Table Entry 4 Register
All static and dynamic entries may be read, but only static entries may be written. Because most of the table entries are
created automatically by hardware address learning, and because the table is 4-way associative, three different meth-
ods are available for accessing the memory:
1.
Lookup by MAC address. This utilizes the same hash tag lookup circuitry that is used for ingress packet forward-
ing lookup. The hash tag algorithm is specified by the Hash Option bits in the Switch Lookup Engine Control 0
Register. This is normally how static entries should be written (Read or write).
2.
Direct addressing (Read or write).
3.
Sequential search, returning all valid entries (Read only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com