Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 210 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 210 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 206Page - Microchip Technology KSZ9563RNXC Datasheet HTML 207Page - Microchip Technology KSZ9563RNXC Datasheet HTML 208Page - Microchip Technology KSZ9563RNXC Datasheet HTML 209Page - Microchip Technology KSZ9563RNXC Datasheet HTML 210Page - Microchip Technology KSZ9563RNXC Datasheet HTML 211Page - Microchip Technology KSZ9563RNXC Datasheet HTML 212Page - Microchip Technology KSZ9563RNXC Datasheet HTML 213Page - Microchip Technology KSZ9563RNXC Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 226 page
background image
KSZ9563R
DS00002419D-page 210
 2017-2018 Microchip Technology Inc.
6.4.8
POWER-UP AND RESET TIMING
Figure 6-13 illustrates the power-up and reset timing requirements.
FIGURE 6-13:
POWER-UP AND RESET TIMING
TABLE 6-12:
POWER-UP AND RESET TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tvr
Supply voltage rise time (must be monotonic)
200
s
tsr
Stable supply voltages to de-assertion of reset
10
ms
tcs
Strap-in pin configuration setup time
5
ns
tch
Strap-in pin configuration hold time
5
ns
trc
De-assertion of reset to strap-in pin output
6
ns
tpc
Supply voltages cycle off-to-on time
150
ms
trw
Reset pulse width after power-up (warm reset)
1
s
Note 1: The recommended powering sequence is to bring up VDDIO first, then core (DVDDL, AVDDL), and fol-
lowed by AVDDH. However, if VDDIO and AVDDH share the same power supply, then the recommended
power-up sequence is to power-up core (DVDLL, AVDDL) first and then the shared power supply for
VDDIO and AVDDH. The power-up waveforms should be monotonic for all supply voltages.
Note 2: After the de-assertion of reset, it is recommended to wait a minimum of 100
s before starting to program
the device through any interface.
Note 3: The recommended power down sequence is to power down the low voltage core before powering down
the transceiver and digital I/O voltages, or to have all supplies power down in unison.
Before the next power-up cycle, all supply voltages to the device should reach less than 0.4V and there
should be a minimum wait time of 150ms from power-off to power-on.
tsr
tcs
tch
trc
SUPPLY
VOLTAGES
RESET_N
STRAP-IN
VALUE
STRAP-IN /
OUTPUT PIN
CORE (AVDDL, DVDDL)
TRANSCEIVER (AVDDH), DIGITAL I/Os (VDDIO)
tvr
tpc
NOTE
1
NOTE
2
NOTE
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com