Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 211 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 211 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 207Page - Microchip Technology KSZ9563RNXC Datasheet HTML 208Page - Microchip Technology KSZ9563RNXC Datasheet HTML 209Page - Microchip Technology KSZ9563RNXC Datasheet HTML 210Page - Microchip Technology KSZ9563RNXC Datasheet HTML 211Page - Microchip Technology KSZ9563RNXC Datasheet HTML 212Page - Microchip Technology KSZ9563RNXC Datasheet HTML 213Page - Microchip Technology KSZ9563RNXC Datasheet HTML 214Page - Microchip Technology KSZ9563RNXC Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 211
KSZ9563R
6.5
Clock Specifications
A crystal or external clock source, such as an oscillator, is used to provide a 25MHz reference clock for the KSZ9563R.
If an external clock source is used, such as the Microchip DSC10xx, the XO pin must be left floating. Figure 6-14 details
the available connection methods. Table 6-13 details the recommended crystal specifications.
FIGURE 6-14:
INPUT REFERENCE CLOCK CONNECTION OPTIONS
TABLE 6-13:
REFERENCE CRYSTAL CHARACTERISTICS
Characteristic
Min
Typ
Max
Units
Frequency
25
MHz
Frequency tolerance
±50
ppm
Effective Series Resistance (ESR)
50
Total period jitter (peak-to-peak)
100
ps
Drive level
100
uW
25 MHz OSC
+/-50ppm
No
Connect
No
Connect
XI
XO
XI
XO
25 MHz XTAL
+/-50ppm
Ethernet Switch
Ethernet Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com