Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 107 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 107 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 103Page - Microchip Technology KSZ9563RNXC Datasheet HTML 104Page - Microchip Technology KSZ9563RNXC Datasheet HTML 105Page - Microchip Technology KSZ9563RNXC Datasheet HTML 106Page - Microchip Technology KSZ9563RNXC Datasheet HTML 107Page - Microchip Technology KSZ9563RNXC Datasheet HTML 108Page - Microchip Technology KSZ9563RNXC Datasheet HTML 109Page - Microchip Technology KSZ9563RNXC Datasheet HTML 110Page - Microchip Technology KSZ9563RNXC Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 107
KSZ9563R
5.1.6.2
Global PTP RTC Clock Phase Register
5.1.6.3
Global PTP RTC Clock Nanosecond High Word Register
5.1.6.4
Global PTP RTC Clock Nanosecond Low Word Register
5.1.6.5
Global PTP RTC Clock Second High Word Register
Address:
0x0502 - 0x0503
Size:
16 bits
Bits
Description
Type
Default
15:3
RESERVED
RO
0x0000
2:0
PTP Real Time Clock 8ns Phase
This register indicates one of the 8n sub-cycle phases of the 40ns period
PTP real time clock.
000 = 0ns (real time clock at the first 8ns phase in the 40ns period)
001 = 8ns (real time clock at the second 8ns phase in the 40ns period)
010 = 16ns (real time clock at the third 8ns phase in the 40ns period)
011 = 24ns (real time clock at the fourth 8ns phase in the 40ns period)
100 = 32ns (real time clock at the fifth 8ns phase in the 40ns period)
101 - 111 = not valid
R/W
000b
Address:
0x0504 - 0x0505
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Real Time Clock Nanosecond [31:16]
This is the high word of the nanosecond value of the PTP real time clock.
R/W
0x0000
Address:
0x0506 - 0x0507
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Real Time Clock Nanosecond [15:0]
This is the low word of the nanosecond value of the PTP real time clock.
R/W
0x0000
Address:
0x0508 - 0x0509
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Real Time Clock Second [31:16]
This is the high word of the second value of the PTP real time clock.
R/W
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com