Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 111 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 111 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 107Page - Microchip Technology KSZ9563RNXC Datasheet HTML 108Page - Microchip Technology KSZ9563RNXC Datasheet HTML 109Page - Microchip Technology KSZ9563RNXC Datasheet HTML 110Page - Microchip Technology KSZ9563RNXC Datasheet HTML 111Page - Microchip Technology KSZ9563RNXC Datasheet HTML 112Page - Microchip Technology KSZ9563RNXC Datasheet HTML 113Page - Microchip Technology KSZ9563RNXC Datasheet HTML 114Page - Microchip Technology KSZ9563RNXC Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 111
KSZ9563R
5.1.6.13
Global PTP Domain and Version Register
5
Enable Dropping of Sync/Follow_Up and Delay_Req PTP Messages
Setting this bit will enable the device to automatically drop these Sync/
Follow_up and Delay_Req PTP messages if the Best Master Clock (BMC) is
not determined.
R/W
0b
4
Enable Checking of Domain Field
Setting this bit will enable the device to automatically check the domain field
of the PTP message with the PTP_DOMAIN in the Global PTP Domain and
Version Register. The PTP message will be forwarded to the host port if the
domain field matches. Otherwise it will be dropped.
R/W
0b
3
RESERVED
R/W
0b
2
Enable IPv4/UDP Checksum Calculation for Egress Packets
1 = The switch will re-calculate and generate a 2-byte checksum value when
the frame content changes.
0 = The checksum field is set to zero.
If the IPv4/UDP checksum is zero, the checksum will remain zero regardless
of this bit setting. For IPv6/UDP, the checksum is always updated.
R/W
1b
1
RESERVED
R/W
0b
0
RESERVED
R/W
0b
Address:
0x0518 - 0x0519
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
0x0
11:8
PTP Version
This is the value of the PTP message version number field. All PTP
messages will be captured when the receive message version matches the
value in this field.
All PTP packets will be dropped if the receive PTP message version does
not match the value in this field, except for
R/W
0x2
7:0
PTP Domain
This is the value of the PTP message domain number field. If domain
checking is enabled (Global PTP Message Config 2 Register, bit 4), the
timestamp capture will be enabled when the receive PTP message domain
number matches the value in this field. If domain checking is not enabled,
the domain number field will be ignored.
R/W
0x00
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com