Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 129 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 129 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 125Page - Microchip Technology KSZ9563RNXC Datasheet HTML 126Page - Microchip Technology KSZ9563RNXC Datasheet HTML 127Page - Microchip Technology KSZ9563RNXC Datasheet HTML 128Page - Microchip Technology KSZ9563RNXC Datasheet HTML 129Page - Microchip Technology KSZ9563RNXC Datasheet HTML 130Page - Microchip Technology KSZ9563RNXC Datasheet HTML 131Page - Microchip Technology KSZ9563RNXC Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 129
KSZ9563R
5.2.1.4
Port AVB SR Class 1 Tag 1 Register
5.2.1.5
Port AVB SR Class 2 Tag 0 Register
5.2.1.6
Port AVB SR Class 2 Tag 1 Register
5.2.1.7
Port AVB SR Class 1 Type Register
Address:
0xN005
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
SR Class 1 Tag 1
Port custom tag containing:
7-0: Port SR class VID[7:0] 1
R/W
0x02
Address:
0xN006
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
SR Class 2 Tag 0
Port custom tag containing:
7-5: User priority bits
4: CFI bit
3-0: SR class VID[11:8] 2
R/W
0x40
Address:
0xN007
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:0
SR Class 2 Tag 1
Port custom tag containing:
7-0: Port SR class VID[7:0] 2
R/W
0x03
Address:
0xN008 - 0xN009
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
SR Layer TYPE 1
R/W
0x088B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com