Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 133 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 133 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 129Page - Microchip Technology KSZ9563RNXC Datasheet HTML 130Page - Microchip Technology KSZ9563RNXC Datasheet HTML 131Page - Microchip Technology KSZ9563RNXC Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC Datasheet HTML 135Page - Microchip Technology KSZ9563RNXC Datasheet HTML 136Page - Microchip Technology KSZ9563RNXC Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 133
KSZ9563R
5.2.1.13
Port Operation Control 0 Register
Address:
0xN020
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
Local MAC Loopback
Data going from the internal switch fabric to an egress port is looped back in
the MAC of that egress port and returned to the internal switch fabric.
1 = Local MAC loopback
0 = Normal operation
R/W
0b
6
Remote MAC Loopback
Data received at the external pins of a port is looped back in the MAC of that
port and sent out the same port, without passing through the internal switch
fabric. For PHY ports, data is received on the RX+/- pins and transmitted out
the TX+/- pins. For xMII ports, data is received on the TXD pins and
transmitted on the RXD pins.
This loopback path does not include an RX-to-TX elastic buffer. Use small
packet sizes and only one or two packets at a time to avoid data corruption.
1 = Remote MAC loopback
0 = Normal operation
R/W
0b
5:3
RESERVED
RO
000b
2
Tail Tag Enable
When tail tagging is enabled for a port, it designates that port to be the “host”
or “CPU” port. Do not enable tail tagging for more than one port.
See the tail tagging description for details.
1 = Enable tail tagging on this port
0 = Disable tail tagging for this port
R/W
0b
1:0
Egress Queue Split Enable
11 = Reserved
10 = Four egress queues. Packets are assigned to a queue based on
priority.
01 = Two egress queues. Packets are assigned to a queue based on priority.
00 = Single egress queue. There is no priority differentiation.
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com