Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 137 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 137 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC Datasheet HTML 135Page - Microchip Technology KSZ9563RNXC Datasheet HTML 136Page - Microchip Technology KSZ9563RNXC Datasheet HTML 137Page - Microchip Technology KSZ9563RNXC Datasheet HTML 138Page - Microchip Technology KSZ9563RNXC Datasheet HTML 139Page - Microchip Technology KSZ9563RNXC Datasheet HTML 140Page - Microchip Technology KSZ9563RNXC Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 137
KSZ9563R
5.2.2.2
PHY Basic Status Register
PHY register 0x01.
Address:
0xN102 - 0xN103
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
100BASE-T4
0 = PHY is not 100BASE-T4 capable
RO
0b
14
100BASE-TX Full Duplex
1 = PHY is 100BASE-TX full-duplex capable
RO
1b
13
100BASE-TX Half Duplex
1 = PHY is 100BASE-TX half-duplex capable
RO
1b
12
10 Mb/s Full Duplex
1 = PHY is 10 Mb/s full-duplex capable
RO
1b
11
10 Mb/s Half Duplex
1 = PHY is 10 Mb/s half-duplex capable
RO
1b
10:9
RESERVED
RO
00b
8
Extended Status
1 = PHY Extended Status Register contains extended status information.
RO
1b
7
RESERVED
RO
0b
6
MF Preamble Suppression
1 = PHY will accept management frames with preamble suppressed
RO
1b
5
Auto-negotiation Complete
1 = Auto-negotiation process is complete
0 = Auto-negotiation process is not complete
RO
-
4
Remote (Far End) Fault
1 = Remote fault condition detected
0 = No remote fault detected
RO
LH
-
3
Auto-Negotiation Ability
1 = PHY is able to perform auto-negotiation
RO
1b
2
Link Status
1 = Link is up
0 = Link is down
RO
LL
-
1
Jabber Detect
1 = Jabber condition detected
0 = No jabber condition detected
RO
LH
-
0
Extended Capability
1 = Supports extended capabilities register
0 = Basic register set capabilities only
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com