Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 134 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 134 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 130Page - Microchip Technology KSZ9563RNXC Datasheet HTML 131Page - Microchip Technology KSZ9563RNXC Datasheet HTML 132Page - Microchip Technology KSZ9563RNXC Datasheet HTML 133Page - Microchip Technology KSZ9563RNXC Datasheet HTML 134Page - Microchip Technology KSZ9563RNXC Datasheet HTML 135Page - Microchip Technology KSZ9563RNXC Datasheet HTML 136Page - Microchip Technology KSZ9563RNXC Datasheet HTML 137Page - Microchip Technology KSZ9563RNXC Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 226 page
background image
KSZ9563R
DS00002419D-page 134
 2017-2018 Microchip Technology Inc.
5.2.1.14
Port Operation Control 1 Register
5.2.1.15
Port Status Register
Address:
0xN021
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
0000_00b
1:0
SRP Enable (for AVB)
00 = Port is not SRP enabled
01 = Port is SRP_1 enabled
10 = Port is SRP_2 enabled
11 = RESERVED
R/W
00b
Address:
0xN030
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
000
4:3
Port Speed Status
For non-PHY ports, these bits duplicate the speed setting in the XMII Port
Control 1 Register bit 6 and XMII Port Control 0 Register bit 4.
For PHY ports, these bits indicate the actual link speed, which is also
available in the PHY Control Register.
00 = 10 Mb/s
01 = 100 Mb/s
10 = 1000 Mb/s
RO
-
2
Port Duplex Status
For non-PHY ports, this bit duplicates the duplex setting in the XMII Port
Control 0 Register bit 6.
For PHY ports, this bit indicates the actual link duplex, which is also available
in the PHY Control Register.
1 = Full duplex
0 = Half duplex
RO
1 or -
1
Transmit Flow Control Enabled Status
For non-PHY ports, this bit duplicates the Tx FC enable bit 5 in the XMII Port
Control 0 Register.
For PHY ports, this bit is set only when FC is enabled (PHY Auto-Negotiation
Advertisement Register, bits 11:10), link is up and FC is established via auto-
negotiation.
1 = TX flow control is enabled
0 = Disabled
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com