Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 151 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 151 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 147Page - Microchip Technology KSZ9563RNXC Datasheet HTML 148Page - Microchip Technology KSZ9563RNXC Datasheet HTML 149Page - Microchip Technology KSZ9563RNXC Datasheet HTML 150Page - Microchip Technology KSZ9563RNXC Datasheet HTML 151Page - Microchip Technology KSZ9563RNXC Datasheet HTML 152Page - Microchip Technology KSZ9563RNXC Datasheet HTML 153Page - Microchip Technology KSZ9563RNXC Datasheet HTML 154Page - Microchip Technology KSZ9563RNXC Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 151
KSZ9563R
5.2.3.2
XMII Port Control 1 Register
Note 5-5
The default value of this field is determined by the LED2_1 configuration strap value. Refer to Section
3.2.1, "Configuration Straps," on page 16 for additional information.
Note 5-6
The default value of this field is determined by the LED2_0 configuration strap value. Refer to Section
3.2.1, "Configuration Straps," on page 16 for additional information.
Note 5-7
The default value of this field is determined by the RXD[3:2] configuration strap value. Refer to
Section 3.2.1, "Configuration Straps," on page 16 for additional information.
Address:
0xN301
Port N: 3
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
-
6
Port Speed 1000
1 = RGMII operates at 1000 Mb/s
0 = RGMII operates at 10 or 100 Mb/s, as determined by bit 4 in the XMII Port
Control 0 Register
R/W
Note 5-5
5
RESERVED
R/W
0b
4
RGMII Ingress Internal Delay (RGMII_ID_ig)
1 = Minimum 1.5 ns delay is added to ingress RGMII clock
0 = No delay is added
R/W
0b
3
RGMII Egress Internal Delay (RGMII_ID_eg)
1 = Minimum 1.5 ns delay is added to egress RGMII clock
0 = No delay is added
R/W
1b
2
MII / RMII / RGMII Modes
For MII interface:
1 = The MII interface operates as a MAC device (receives clocks, etc.)
0 = The MII interface operates as a PHY device (drives clocks, etc.)
For RMII interface:
1 = The 50 MHz RMII REFCLK is received at the RXC pin
0 = A 50 MHz RMII REFCLK is generated from the RXC pin
For RGMII interface:
1 = In-Band Status enabled. Requires connection to a IBS capable PHY.
0 = In-Band Status disabled.
R/W
Note 5-6
1:0
Port Interface Type Select
00 = Interface is MII
01 = Interface is RMII
10 = Interface is Reserved
11 = Interface is RGMII
R/W
Note 5-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com