Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 155 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 155 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 151Page - Microchip Technology KSZ9563RNXC Datasheet HTML 152Page - Microchip Technology KSZ9563RNXC Datasheet HTML 153Page - Microchip Technology KSZ9563RNXC Datasheet HTML 154Page - Microchip Technology KSZ9563RNXC Datasheet HTML 155Page - Microchip Technology KSZ9563RNXC Datasheet HTML 156Page - Microchip Technology KSZ9563RNXC Datasheet HTML 157Page - Microchip Technology KSZ9563RNXC Datasheet HTML 158Page - Microchip Technology KSZ9563RNXC Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 155
KSZ9563R
5.2.4.4
Port Priority 0 Ingress Limit Control Register
Address:
0xN410
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
Reserved
RO
0b
6:0
Ingress Data Rate Limit for Priority 0 Frames
Reference Table 5-3 for code values.
Note that the update will not take effect until the Port Priority 7 Ingress Limit
Control Register is written.
R/W
0x00
TABLE 5-3:
DATA RATE SELECTION TABLE FOR INGRESS AND EGRESS RATE LIMITING
Code
10Mbps
100Mbps
1000Mbps
7 bits,
decimal
PPS
BPS
PPS
BPS
PPS
BPS
7d’0
19.2k
10Mbps
192k
100Mbps
1.92M
1000Mbps
7d’1 –
7d’10
1.92k * code
1Mbps * code
1.92k * code
1Mbps * code
19.2k * code
1Mbps * code
7d’11 –
7d’100
–
10Mbps
1.92k * code
1Mbps * code
19.2k * code
10Mbps * code
7d’101
64
64kbps
64
640kbps
640
640kbps
7d’102
128
128kbps
128
1280kbps
1280
1280kbps
7d’103
256
192kbps
256
1920kbps
2560
1920kbps
7d’104
384
256kbps
384
256kbps
3840
2560kbps
7d’105
512
320kbps
512
320kbps
5120
3200kbps
7d’106
640
384kbps
640
384kbps
6400
3840kbps
7d’107
768
448kbps
768
448kbps
7680
4480kbps
7d’108
896
512kbps
896
512kbps
8960
5120kbps
7d’109
1024
576kbps
1024
576kbps
10,240
5760kbps
7d’110
1152
640kbps
1152
640kbps
11,520
6400kbps
7d’111
1280
704kbps
1280
704kbps
12,800
7040kbps
7d’112
1408
768kbps
1408
768kbps
14,080
7680kbps
7d’113
1536
832kbps
1536
832kbps
15,360
8320kbps
7d’114
1664
896kbps
1664
896kbps
16,640
8960kbps
7d’115
1792
960kbps
1792
960kbps
17,920
9600kbps
Note:
PPS = Packets Per Second, BPS = Bits Per Second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com