Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXC Datasheet(PDF) 159 Page - Microchip Technology

Part # KSZ9563RNXC
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXC Datasheet(HTML) 159 Page - Microchip Technology

Back Button KSZ9563RNXC Datasheet HTML 155Page - Microchip Technology KSZ9563RNXC Datasheet HTML 156Page - Microchip Technology KSZ9563RNXC Datasheet HTML 157Page - Microchip Technology KSZ9563RNXC Datasheet HTML 158Page - Microchip Technology KSZ9563RNXC Datasheet HTML 159Page - Microchip Technology KSZ9563RNXC Datasheet HTML 160Page - Microchip Technology KSZ9563RNXC Datasheet HTML 161Page - Microchip Technology KSZ9563RNXC Datasheet HTML 162Page - Microchip Technology KSZ9563RNXC Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 159
KSZ9563R
5.2.4.15
Port Queue 3 Egress Limit Control Register
5.2.5
PORT N: PORT SWITCH MIB COUNTERS REGISTERS (0xN500 - 0xN5FF)
Thirty MIB counters are provided for each port. They are accessed via the following two indirect registers. MIB Counters
are read-clear. Refer to Section 5.3.6, "Management Information Base (MIB) Counters" for additional details.
5.2.5.1
Port MIB Control and Status Register
Address:
0xN423
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:0
Egress Data Rate Limit for Queue 3 Frames
R/W
0x00
Note:
The Switch MIB Control Register contains two additional bits for global control of MIB counters.
Address:
0xN500 - 0xN503
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
31
MIB Counter Overflow Indication
1 = Counter has overflowed
0 = Counter has not overflowed
RO
0b
30:26
RESERVED
RO
0x00
25
MIB Read Enable / Count Valid
Set this bit to ‘1’ to initiate a counter read. When the counter read is complete
and the count value is available in the MIB Counter Value, this bit will
automatically clear to ‘0’.
R/W
SC
0b
24
MIB Flush and Freeze Enable
Refer to the Switch MIB Control Register for the associated global MIB
control bits for flushing and freezing port counters.
1 = Enable MIB counter flush and freeze function for this port
0 = Disable MIB counter flush and freeze function for this port
R/W
0b
23:16
MIB Index
R/W
0x00
15:4
RESERVED
RO
0x000
3:0
MIB Counter Value [35:32]
RO
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com