Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 176 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 176 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 172Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 173Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 174Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 175Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 176Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 177Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 178Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 179Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 226 page
background image
KSZ9563R
DS00002419D-page 176
 2017-2018 Microchip Technology Inc.
5.2.10.2
Port MSTP Pointer Register
5.2.10.3
Port MSTP State Register
There are eight MSTPs, and the MSTP Pointer in the Port MSTP Pointer Register is used as an index to select a par-
ticular MSTP when reading or writing this register.
5.2.11
PORT N: PORT SWITCH PTP CONTROL REGISTERS (0xNC00 - 0xNCFF)
5.2.11.1
Port PTP Receive Latency Register
Address:
0xNB01
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
R/W
0000_0b
2:0
MSTP Pointer
Points to one of the 8 MSTPs. It is used as an index when reading or writing
the Port MSTP State Register.
R/W
000b
Address:
0xNB04
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0000_0b
2
Port Transmit Enable
1 = Enable packet transmission on the port
0 = Disable packet transmission on the port
R/W
1b
1
Port Receive Enable
1 = Enable packet reception on the port
0 = Disable packet reception on the port
R/W
1b
0
Port Learning Disable
1 = Disable switch address learning on the port
0 = Enable switch address learning on the port
R/W
0b
Address:
0xNC00 - 0xNC01
Port N: 1-3
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Port N RX Latency in Nanoseconds (PTP_RX_LATENCY[15:0])
This field is used to set the fixed receive delay value from the port N wire to
the RX timestamp reference point. The default value is 415ns.
R/W
0x019F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com