Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 58 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 58 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 54Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 55Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 56Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 57Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 58Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 59Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 60Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 61Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 226 page
background image
KSZ9563R
DS00002419D-page 58
 2017-2018 Microchip Technology Inc.
4.11.1
MEDIA INDEPENDENT INTERFACE (MII)
The media independent interface (MII) is specified in Clause 22 of the IEEE 802.3 standard. It provides a common inter-
face between PHY layer and MAC layer devices. The data interface is 4-bits wide and runs at one quarter the network
bit rate; either 2.5MHz in 10BASE-T or 25MHz in 100BASE-TX (not encoded). Additional signals on the transmit side
indicate when data is valid or when an error occurs during transmission. Similarly, the receive side provides signals that
convey when the data is valid and without physical layer errors. For half duplex operation, the COL signal indicates if a
collision has occurred during transmission.
The MII interface operates in either PHY Mode or MAC Mode. Select PHY Mode when the port is connected to a pro-
cessor or other device with a MAC function; select MAC Mode when connecting to an external PHY. Note that the direc-
tion of the TX_CLK and RX_CLK signals is affected by the PHY mode or MAC mode setting, while other MII signals
do not change direction.
MII mode is selected at reset by a configuration strap option on pins RXD3 and RXD2. The Speed strapping option (on
pin LED2_1) should be set for 100/10 Mbps Mode. PHY Mode or MAC Mode is selected by strapping option on pin
LED2_0. Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional information.
The interface contains two distinct groups of signals, one for transmission and the other for reception. Table 4-27 and
Table 4-28 describe the signals used by the MII interface to connect to an external MAC or to an external PHY, respec-
tively.
4.11.2
REDUCED MEDIA INDEPENDENT INTERFACE (RMII)
The reduced media independent interface (RMII) specifies a low pin count interface, which is based on MII, that provides
communication with a MAC attached to the port. As with MII, RMII provides a common interface between physical layer
and MAC layer devices, or between two MAC layer devices, and has the following key characteristics:
• Supports network data rates of either 10Mbps or 100Mbps.
• Uses a single 50MHz clock reference (provided internally or externally) for both transmit and receive data.
• Uses independent 2-bit wide transmit and receive data paths.
• Contains two distinct groups of signals: one for transmission and the other for reception.
The user selects one of the two RMII clocking modes by setting the appropriate strapping option.
TABLE 4-27:
MII (PHY MODE) CONNECTION TO EXTERNAL MAC
MII Interface Signals Description
KSZ9563R Signals in PHY Mode
External MAC Device Signals
Transmit Enable
TX_EN (input)
TX_EN (output)
Transit Error
TX_ER (input)
TX_ER (output)
Transmit Data Bits [3:0]
TXD[3:0] (input)
TXD[3:0] (output)
Transmit Clock
TX_CLK (output)
TX_CLK (input)
Received Data Valid
RX_DV (output)
RX_DV (input)
Receive Error
RX_ER (output)
RX_ER (input)
Receive Data Bits [3:0]
RXD[3:0] (output)
RXD[3:0] (input)
Receive Clock
RX_CLK (output)
RX_CLK (input)
TABLE 4-28:
MII (MAC MODE) CONNECTION TO EXTERNAL PHY
MII Interface Signals Description
KSZ9563R Signals in MAC Mode
External PHY Device Signals
Transmit Enable
RX_DV (output)
TX_EN (input)
Transit Error
RX_ER (output)
TX_ER (input)
Transmit Data Bits [3:0]
RXD[3:0] (output)
TXD[3:0] (input)
Transmit Clock
RX_CLK (input)
TX_CLK (output)
Received Data Valid
TX_EN (input)
RX_DV (output)
Receive Error
TX_ER (input)
RX_ER (output)
Receive Data Bits [3:0]
TXD[3:0] (input)
RXD[3:0] (output)
Receive Clock
TX_CLK (input)
RX_CLK (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com