Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 75 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 75 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 72Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 73Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 74Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 75Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 76Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 77Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 78Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 75
KSZ9563R
5.1.4.8
Switch Maximum Transmit Unit Register
5.1.4.9
Switch ISP TPID Register
5.1.4.10
AVB Credit Based Shaper Strategy Register
Address:
0x0308 - 0x0309
Size:
16 bits
Bits
Description
Type
Default
15:14
RESERVED
R/W
00b
13:0
Maximum Frame Length (MTU)
Specifies the maximum transmission unit (MTU), which is the maximum
frame payload size. Frames which exceed this maximum are truncated. This
value can be set as high as 9000 (= 0x2328) if jumbo frame support is
required. Also refer to the Switch MAC Control 1 Register and Port MAC
Control 0 Register.
R/W
0x07D0
Address:
0x030A - 0x030B
Size:
16 bits
Bits
Description
Type
Default
15:0
ISP Tag TPID
Default tag TPID (EtherType) for untagged incoming frames or the ISP frame
tag TPID for the double tagging function.
R/W
0x9100
Address:
0x030E - 0x030F
Size:
16 bits
Bits
Description
Type
Default
15:2
RESERVED
RO
0x0000
1
Shaping Credit Accounting
1 = Shaper credit deduction occurs on both data and IPG + preamble
0 = Shaper credit deduction occurs on data only
R/W
0b
0
Policing Credit Accounting
1 = Policing credit deduction occurs on both data and IPG + preamble
0 = Policing credit deduction occurs on data only
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com