Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 99 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 99 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 95Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 96Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 97Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 98Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 99Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 100Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 101Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 102Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 99
KSZ9563R
5.1.5
GLOBAL SWITCH LOOK UP ENGINE (LUE) CONTROL REGISTERS (0x0400 - 0x04FF)
The following registers are used for accessing the VLAN Table, Address Lookup Table, Static Address Table and the
Reserved Multicast Address Table. The organizations of these tables, and instructions for accessing them, are provided
in Section 5.3, "Tables and MIB Counters (Indirect Access)," on page 181.
5.1.5.1
VLAN Table Entry 0 Register
Address:
0x0400 - 0x403
Size:
32 bits
Bits
Description
Type
Default
31
VALID
This field in the VLAN Table specifies if the table entry is valid.
1 = Table entry is valid
0 = Table entry is invalid
R/W
0b
30:28
RESERVED
RO
000b
27
FORWARD OPTION
This field in the VLAN Table specifies how the forwarding ports are
determined.
1 = Forward to the VLAN Table port map (PORT FORWARD field).
0 = Forwarding ports are determined by other variables. It may be the ALU
port map, the VLAN port map, the combination of the two, or the Unknown
Unicast/Multicast feature.
R/W
0b
26:24
PRIORITY
This field in the VLAN Table specifies the priority level.
R/W
000b
23:15
RESERVED
RO
0000_0000_0b
14:12
MSTP INDEX
This field in the VLAN Table specifies the Multiple Spanning Tree Protocol
index.
R/W
000b
11:7
RESERVED
RO
0000_0b
6:0
FID
This field in the VLAN Table specifies the Filter ID. The FID value is normally
combined with the destination address and then hashed to index the address
lookup table.
R/W
000_0000b
Note:
Refer to Section 5.3.4, "VLAN Table," on page 188 for additional information on VLAN tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com