Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 14 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 14 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 10Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 11Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 12Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 13Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 14Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 15Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 16Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 17Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 226 page
background image
KSZ9563R
DS00002419D-page 14
 2017-2018 Microchip Technology Inc.
SPI/I2C/MIIM Interface Pins
SPI/I2C/MIIM
Serial Clock
SCL/MDC
IPU
SPI/I2C Modes: SCL serial clock.
MIIM Mode: MDC serial clock.
SPI Data Out
SDO
IPD/O8
SPI Mode: Data out (also known as MISO).
I2C/MIIM Modes: Not used.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
SPI Data In /
I2C/MIIM Data
In/Out
SDI/SDA/MDIO
IPU/O8
SPI Mode: SDI Data In (also known as MOSI).
I2C Mode: SDA Data In/Out.
MIIM Mode: MDIO Data In/Out.
SDA and MDIO are open-drain signals when in the output
state. An external pull-up resistor to VDDIO (1.0kΩ to 5kΩ)
is required.
SPI Chip Select
SCS_N
IPU
SPI Mode: Chip Select (active low).
I2C/MIIM Modes: Not used.
LED Pins
Port 1
LED Indicator 0
LED1_0
IPU/O8
Port 1 LED Indicator 0.
Active low output sinks current to light an external LED.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
Port 1
LED Indicator 1
LED1_1
IPU/O8
Port 1 LED Indicator 1.
Active low output sinks current to light an external LED.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
Port 2
LED Indicator 0
LED2_0
IPU/O8
Port 2 LED Indicator 0.
Active low output sinks current to light an external LED.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
Port 2
LED Indicator 1
LED2_1
IPU/O8
Port 2 LED Indicator 1.
Active low output sinks current to light an external LED.
Note:
This pin also provides configuration strap func-
tions during hardware/software resets. Refer to
Section 3.2.1, "Configuration Straps" for addi-
tional information.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com