Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 68 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 68 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 64Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 65Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 66Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 67Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 68Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 69Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 70Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 71Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 226 page
background image
KSZ9563R
DS00002419D-page 68
 2017-2018 Microchip Technology Inc.
5.1.1.10
Global Port Interrupt Mask Register
This register enables the interrupts in the Global Port Interrupt Status Register.
5.1.2
GLOBAL I/O CONTROL REGISTERS (0x0100 - 0x01FF)
5.1.2.1
Serial I/O Control Register
Address:
0x001C - 0x001F
Size:
32 bits
Bits
Description
Type
Default
31:3
RESERVED
RO
-
2
Port 3 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
1
Port 2 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
0
Port 1 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
Address:
0x0100
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
R/W
0100_0b
2
MIIM Preamble Suppression
This feature affects only the MIIM (MDIO / MDC) interface. When using SPI
or I2C, this bit has no effect.
0 = Normal operation. The switch always expects the MIIM preamble.
1 = The switch will respond to MIIM commands even in the absence of a
preamble.
R/W
0b
1
Automatic SPI Data Out Edge Select
When enabled, this feature automatically determines the edge of SCL that is
used to clock out the SPI data on SDO. If SCL ≥ ~25MHz, SDO data is
clocked by the rising edge of SCL. If SCL < ~25 MHz, SDO data is clocked
by the falling edge of SCL.
0 = The automatic feature is disabled, and bit 0 determines the SCL clock
edge used for SDO.
1 = The automatic feature is enabled, and bit 0 is ignored.
R/W
1b
0
SPI Data Out Edge Select
When bit 1 is zero, then this bit determines the clock edge used for SPI data
out. When bit 1 is set to 1, this bit is ignored.
0 = SDO data is clocked by the falling edge of SCL
1 = SDO data is clocked by the rising edge of SCL
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com