Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 39 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 39 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 35Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 36Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 37Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 38Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 39Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 40Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 41Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 42Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 39
KSZ9563R
4.4.12
PORT MIRRORING
the device supports “port mirroring” comprehensively as:
• “Receive Only” Mirror-on-a-Port
• “Transmit Only” Mirror-on-a-Port
• “Receive and Transmit” Mirror-on-a-Port
4.4.12.1
“Receive Only” Mirror-on-a-Port
All the packets received on the port are mirrored on the sniffer port. For example, 1 is programmed to be “receive sniff”
and the host port is programmed to be the “sniffer”. A packet received on port 1 is destined to port 2 after the internal
lookup. The packet is forwarded to both port 2 and the host port. The device can optionally even forward “bad” received
packets to the “sniffer port”.
4.4.12.2
“Transmit Only” Mirror-on-a-Port
All the packets transmitted on the port are mirrored on the sniffer port. For example, port 1 is programmed to be “transmit
sniff” and the host port is programmed to be the “sniffer port”. A packet received on port 2 is destined to port 1 after the
internal lookup. The device forwards the packet to both port 1 and the host port.
4.4.12.3
“Receive and Transmit” Mirror-on-a-Port
All the packets received on port A and transmitted on port B are mirrored on the sniffer port. For example, port 1 is pro-
grammed to be “receive sniff”, port 2 is programmed to be “transmit sniff”, and the host port is programmed to be the
“sniffer port”. A packet received on port 1 is destined to port 2 after the internal lookup. The device forwards the packet
to both port 2 and the host port.
Multiple ports can be selected as “receive sniff” or “transmit sniff”. In addition, any port can be selected as the “sniffer
port”.
4.4.13
SCHEDULE AND RATE LIMITING
Each device port has two egress packet scheduling options, which can be applied when the port is configured for two
or four queues. Additionally, each port has ingress and egress rate limiter features.
4.4.13.1
Strict Priority Scheduling
When an egress port is configured as two or four queues, and strict priority scheduling is selected, each queue will take
absolute priority over all lower priority queues. If a packet is available to transmit from queue 3 (the highest priority
queue), then it will take priority for transmission over any packet that will also be available in any of the other queues.
A packet in queue 2 will be transmitted only if no packet is available in queue 3. Weighted round robin is an alternative
to strict priority scheduling.
4.4.13.2
Weighted Round Robin (WRR) Scheduling
WRR scheduling is an alternative to strict priority scheduling for egress queues. It is referred to as fair queuing because
it gives proportionally higher priority to the highest priority queue, but not absolute priority.
4.4.13.3
Rate Limiting
The device supports independent ingress and egress hardware rate limiting on each port. Normally these two features
are considered mutually exclusive, and users are discouraged from using both on the same port.
For 10BASE-T, a rate setting above 10Mbps means the rate is not limited. Likewise, for 100BASE-TX, a rate setting
above 100Mbps means the rate is not limited. On the receive side, the data receive rate for each priority at each port
can be limited by setting up ingress rate control registers. On the transmit side, the data transmit rate for each priority
queue at each port can be limited by setting up egress rate control registers. The size of each frame has options to
include minimum inter-frame gap (IFG) or preamble byte, in addition to the data field (from packet DA to FCS).
For ingress rate limiting, the device provides options to selectively choose frames from all types, multicast, broadcast,
and flooded unicast frames. The data rate from those selected type of frames is counted. Packets are dropped at the
ingress port when the data rate exceeds the specified rate limit.
For egress rate limiting, the leaky bucket algorithm is applied to each output priority queue for shaping output traffic.
Inter-frame gap is stretched on a per frame base to generate smooth, non-burst egress traffic. The throughput of each
output priority queue is limited by the egress rate specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com